Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87381P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87381P
Description  Synchronous Buck NexFET Power Block II
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87381P Datasheet(HTML) 4 Page - Texas Instruments

  CSD87381P Datasheet HTML 1Page - Texas Instruments CSD87381P Datasheet HTML 2Page - Texas Instruments CSD87381P Datasheet HTML 3Page - Texas Instruments CSD87381P Datasheet HTML 4Page - Texas Instruments CSD87381P Datasheet HTML 5Page - Texas Instruments CSD87381P Datasheet HTML 6Page - Texas Instruments CSD87381P Datasheet HTML 7Page - Texas Instruments CSD87381P Datasheet HTML 8Page - Texas Instruments CSD87381P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CSD87381P
SLPS405B – MARCH 2013 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250μA
30
30
V
Drain to Source Leakage
IDSS
VGS = 0V, VDS = 24V
1
1
μA
Current
Gate to Source Leakage
IGSS
VDS = 0V, VGS = 10
100
100
nA
Current
Gate to Source Threshold
VGS(th)
VDS = VGS, IDS = 250μA
1.1
1.9
1.0
1.7
V
Voltage
VGS = 4.5V, IDS = 8A
15.7
18.9
7.0
8.4
Drain to Source On
RDS(on)
m
Ω
Resistance
VGS = 8V, IDS = 8A
13.6
16.3
6.3
7.6
gfs
Transconductance
VDS = 10V, IDS = 8A
40
89
S
Dynamic Characteristics
CISS
Input Capacitance (1)
434
564
1020
1320
pF
COSS
Output Capacitance (1)
VGS = 0V, VDS = 15V,
225
293
308
400
pF
f = 1MHz
Reverse Transfer
CRSS
9.1
11.8
40
52
pF
Capacitance (1)
RG
Series Gate Resistance (1)
5.0
6.4
1.25
2.5
Ω
Gate Charge Total (4.5V)
Qg
3.9
5.0
8.9
11.5
nC
(1)
Gate Charge - Gate to
Qgd
0.9
2.5
nC
VDS = 15V,
Drain
IDS = 8A
Gate Charge - Gate to
Qgs
1.2
2.0
nC
Source
Qg(th)
Gate Charge at Vth
0.7
1.3
nC
QOSS
Output Charge
VDD = 12V, VGS = 0V
4.9
8.5
nC
td(on)
Turn On Delay Time
6.7
7.9
ns
tr
Rise Time
19.3
16.3
ns
VDS = 15V, VGS = 4.5V,
IDS = 8A, RG = 2Ω
td(off)
Turn Off Delay Time
10.6
16.8
ns
tf
Fall Time
3.0
2.9
ns
Diode Characteristics
VSD
Diode Forward Voltage
IDS = 8A, VGS = 0V
0.85
0.79
V
Qrr
Reverse Recovery Charge
8.0
16.0
nC
Vdd = 15V, IF = 8A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
13
17
ns
(1)
Specified by design
Max RθJA = 84°C/W
Max RθJA = 184°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of 2-
minimum pad area of
oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com