Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91D176TMA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS91D176TMA/NOPB
Description  DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS91D176TMA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS91D176TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS91C176, DS91D176
SNLS146L – MARCH 2006 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
VP(H)
Voltage overshoot, low-to-high level output
RL = 50Ω, CL = 5pF,CD = 0.5pF
1.2VSS
V
See Figure 9 and Figure 10 (5)
VP(L)
Voltage overshoot, high-to-low level output
−0.2V
V
SS
IIH
High-level input current (LVTTL inputs)
VIH = 2.0V
-15
15
μA
IIL
Low-level input current (LVTTL inputs)
VIL = 0.8V
-15
15
μA
VIKL
Input Clamp Voltage (LVTTL inputs)
IIN = -18mA
-1.5
V
IOS
Differential short-circuit output current
See Figure 8
-43
43
mA
M-LVDS Receiver
VIT+
Positive-going differential input voltage threshold
See FUNCTION TABLES
Type 1
20
50
mV
Type 2
94
150
mV
VIT−
Negative-going differential input voltage threshold
See FUNCTION TABLES
Type 1
−50
20
mV
Type 2
50
94
mV
VOH
High-level output voltage (LVTTL output)
IOH = −8mA
2.4
2.7
V
VOL
Low-level output voltage (LVTTL output)
IOL = 8mA
0.28
0.4
V
IOZ
TRI-STATE output current
VO = 0V or 3.6V
−10
10
μA
IOSR
Short-circuit receiver output current (LVTTL output)
VO = 0V
-48
-90
mA
M-LVDS Bus (Input and Output) Pins
IA
Transceiver input/output current
VA = 3.8V, VB = 1.2V
32
µA
VA = 0V or 2.4V, VB = 1.2V
−20
+20
µA
VA = −1.4V, VB = 1.2V
−32
µA
IB
Transceiver input/output current
VB = 3.8V, VA = 1.2V
32
µA
VB = 0V or 2.4V, VA = 1.2V
−20
+20
µA
VB = −1.4V, VA = 1.2V
−32
µA
IAB
Transceiver input/output differential current (IA − IB)
VA = VB, −1.4V ≤ V ≤ 3.8V
−4
+4
µA
IA(OFF)
Transceiver input/output power-off current
VA = 3.8V, VB = 1.2V,
DE = VCC
32
µA
0V
≤ VCC ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V,
DE = VCC
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VA = −1.4V, VB = 1.2V,
DE =VCC
−32
µA
0V
≤ VCC ≤ 1.5V
IB(OFF)
Transceiver input/output power-off current
VB = 3.8V, VA = 1.2V,
DE = VCC
32
µA
0V
≤ VCC ≤ 1.5V
VB = 0V or 2.4V, VA = 1.2V,
DE = VCC
−20
+20
µA
0V
≤ VCC ≤ 1.5V
VB = −1.4V, VA = 1.2V,
DE = VCC
−32
µA
0V
≤ VCC ≤ 1.5V
IAB(OFF)
Transceiver input/output power-off differential
VA = VB, −1.4V ≤ V ≤ 3.8V,
current (IA(OFF) − IB(OFF))
DE = VCC
−4
+4
µA
0V
≤ VCC ≤ 1.5V
CA
Transceiver input/output capacitance
VCC = OPEN
9
pF
CB
Transceiver input/output capacitance
9
pF
CAB
Transceiver input/output differential capacitance
5.7
pF
CA/B
Transceiver input/output capacitance balance
1.0
(CA/CB)
(5)
Not production tested. Specified by a statistical analysis on a sample basis at the time of characterization.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS91C176 DS91D176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com