Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8921AM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921AM/NOPB
Description  DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS8921AM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS8921AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8921AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS8921, DS8921A, DS8921AT
SNLS374C – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Driver Input Voltage
−0.5V to +7V
Output Voltage
5.5V
Receiver Output Sink Current
50 mA
Receiver Input Voltage
±10V
Differential Input Voltage
±12V
Maximum Package Power Dissipation @ +25°C
D Package
730 mW
P Package
1160 mW
Derate D Package
9.3 mW/°C above +25°C
Derate P Package
5.8 mW/°C above +25°C
Storage Temperature Range
−65°C to +165°C
Lead Temperature
+260°C
(Soldering, 4 sec.)
+260°C
Maximum Junction
Temperature
+150°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The Table of Electrical Characteristics provides conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instrument Sales Office/ Distributors for availability and
specifications.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage
4.5
5.5
V
Temperature (TA)
DS8921/DS8921A
0
70
°C
DS8921AT
−40
+85
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com