Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC007BM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLC007BM/NOPB
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC007BM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  CLC007BM/NOPB Datasheet HTML 1Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 2Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 3Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 4Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 5Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 6Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 7Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 8Page - Texas Instruments CLC007BM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CLC007
8
1
2
5
3
VCC
6
7
R2
R1
R2
R1
-
+
0.1 PF
0.1 PF
VEE
VCC
VEE
Z0
Z0
VTT
VTT
ECL Output
4
To next
stage
VIN+
VIN-
VEE
VCC
CLC007
SNLS016E – JULY 1998 – REVISED APRIL 2013
www.ti.com
OPERATION
Input Interfacing
The CLC007 has high impedance, emitter-follower buffered, differential inputs. Single-ended signals may also be
input. Transmission lines supplying input signals must be properly terminated close to the CLC007. Either A.C. or
D.C. coupling as in Figure 4 or Figure 5 may be used. Figure 4, Figure 6, and Figure 7 show how Thevenin-
equivalent resistor networks are used to provide input termination and biasing. The input D.C. common-mode
voltage range is 0.8V to 2.5V below the positive power supply (VCC). Input signals plus bias should be kept within
the specified common-mode range. For an 800 mVP-P input signal, typical input bias levels range from 1.2V to
2.1V below the positive supply.
Load Type
Resistor to VCC (R1)
Resistor to VEE (R2)
ECL, 50
Ω, 5V, VT=2V
82.5
Ω
124
Ω
ECL, 50
Ω, 5.2V, VT=2V
80.6
Ω
133
Ω
ECL, 75
Ω, 5V, VT=2V
124
Ω
187
Ω
ECL, 75
Ω, 5.2V, VT=2V
121
Ω
196
Ω
800 mVP-P, 50Ω, 5V, VT=1.6V
75.0
Ω
154
Ω
800 mVP-P, 75Ω, 5V, VT=1.6V
110
Ω
232
Ω
800 mVP-P, 2.2 KΩ, 5V, VT=1.6V
3240
Ω
6810
Ω
Figure 3. Input Stage
Figure 4. AC Coupled Input
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com