Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPS63-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # NPS63-M
Description  90 - 264 VAC (wide range) 127-300 Vdc
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPS63-M Datasheet(HTML) 3 Page - Emerson Network Power

  NPS63-M Datasheet HTML 1Page - Emerson Network Power NPS63-M Datasheet HTML 2Page - Emerson Network Power NPS63-M Datasheet HTML 3Page - Emerson Network Power NPS63-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.03.21.13_185
NPS60-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonandtheEmersonNetworkPower
logoaretrademarksofEmersonElectricCo.
©2012EmersonElectricCo.
Allrightsreserved.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Peak
Load1
Regulation2
Ripple P/P
(PARD)3
NPS62-M
5V
0A
11A
13A
±2%
50mV
NPS63-M
12V
0A
5A
5.5A
±2%
120mV
NPS64-M
15V
0A
4A
4.4A
±2%
150mV
NPS65-M
24V
0A
2.5A
2.75A
±2%
240mV
1. Peakcurrentlasting<15secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageand
loadranges.
PinAssignments
Connector
NPS62-M
NPS63-M
NPS64-M
NPS65-M
SK1-1
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
CN1
Ground
Ground
Ground
Ground
SK2-1
+5V
+12V
+15V
+24V
SK2-2
+5V
+12V
+15V
+24V
SK2-3
Common
Common
Common
Common
SK2-4
Common
Common
Common
Common
SK2-5
-Sense
-Sense
-Sense
-Sense
SK2-6
+Sense
+Sense
+Sense
+Sense
MatingConnectors
ACInput:
Molex09-50-8031(USA)
09-93-0300(UK)
PINS:08-52-0113
DCOutputs: Molex09-50-8061(USA)
09-93-0600(UK)
PINS:08-52-0113
EmersonNetworkPowerConnectorKit#70-841-006,includesalloftheabove
Notes:
1. Specificationssubjecttochangewithoutnotice
2. Alldimensionsininches(mm),toleranceis±0.02”(±0.5mm)
3. MountingholesM1andM2shouldbegroundedforEMIpurposes
4. MountingholeM1issafetygroundconnection
5. Specificationsareforconvectionratingatfactorysettingsat115VACinput,25°Cunlessotherwise
stated
6. ForDCinputanexternalDCsafetyratedfusemustbeused
7. Warranty:2year
8. Weight:0.26lbs/0.118kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com