Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAS2W Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LEAS2W
Description  OSRAM OSTAR짰 Projection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAS2W Datasheet(HTML) 2 Page - OSRAM GmbH

  LEAS2W Datasheet HTML 1Page - OSRAM GmbH LEAS2W Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OSRAM OSTAR® Projection
OSRAM OSTAR® Compact
OSRAM OSTAR® SMT
Pocket Imager
Advantages
OSRAM OSTAR® LEDs for projection
and lighting applications have multiple
benefits for design flexibility.
• High luminance due to pure surface
emission
• High brightness in the white point
thanks to latest multi-chip technology
• Compact size of OSRAM OSTAR®
SMT with only 5.8 x 4.7 x 1.5 mm
• Compact size of OSRAM OSTAR®
Compact with only 3.5 x 3,75 x 1.2
mm
• Very low thermal resistance (Rth)
• Fast switching times
• Dimmable
• Instant on/off function available
• Adjustable color temperature
• Large color range (>105 % NTSC)
• Small form factor
Features
The fantastic OSRAM OSTAR® LEDs
for projection applications are a
compact high-performance light
source, which meet even the most
sophisticated requirements.
• Thinfilm and ThinGaN® chip
architecture
• Long lifetime
• Special optics can be adapted
• Mercury-free, meets the latest
environmental regulations
Applications
The small and robust OSRAM
OSTAR® light sources have no moving
parts and deliver a wide color range.
They enable manufacturers to
produce:
• Pico projectors (as mobile phone
accessories or embedded devices)
• Pocket projectors
• Projection TVs
• Front projectors for home cinemas
• General lighting applications
• Color changing wallwashers
• RGB floodlights
• Effect lighting
New possibilities
These new innovative products open
the door for new application possi-
bilities. Contact your OSRAM Opto
Semiconductors application specialist
to assist with your specific design.
OSRAM OSTAR® Projection on the
Internet:
www.osram-os.com/ostar-projection
For further information on the
available products please visit our
product catalog at
http://catalog.osram-os.com
OSRAM OSTAR® Compact
Type
Chip size
max lp
Wavelength
LE x* Q9WM
0,560 µm²
1,5A
617 nm
LE x* Q9WN
1,0 µm²
2,0A
525 nm
LE x* Q9WP
2,0 µm²
6,0A
465 nm
OSRAM OSTAR® SMT
Type
Color
Wavelength
LE A S2W
red
617 nm
LE T S2W
green
529 nm
LE B S2W
blue
464 nm
LE UW S2W
ultra white
5000 K-8000 K**
LE ATB S2W
red, green, blue
617 nm, 529 nm, 464 nm
** Color temperature
Asia
OSRAM Opto Semiconductors Asia Ltd.
30/F China Resources Building
26 Harbour Road, Wan Chai
Hong Kong SAR
Phone: +852 3652 5522
Fax: +852 2802 0880
E-mail: prasia@osram-os.com
Europe
OSRAM Opto Semiconductors GmbH
Leibnizstrasse 4
D-93055 Regensburg, Germany
Phone: +49 941 850 1700
Fax: +49 941 850 3302
E-mail: support@osram-os.com
USA
OSRAM Opto Semiconductors Inc.
1150 Kifer Road, Suite 100
Sunnyvale, CA 94086, USA
Main Phone number: (408) 962-3700
Main Fax: (408) 738-9120
Inbound Toll Free: (866) 993-5211
E-mail: info@osram-os.com
* x = A,T,B (A = amber, T = true green, B = blue)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com