Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 15Page - Texas Instruments LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments LM3263 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
VTNmin
VTPmax
VTNmin
VTPmax
TS
SCLK
SDATA
TH
TS
TH
TSDATAOTR
TSDATAOTR
TD
TD
VOLmax
VOHmin
SCLK
TSCLKOH
TSCLKOL
TSCLKOTR
TSCLKOTR
LM3263
www.ti.com
SNVS837 – JUNE 2013
GPO1
GPO1 has two functions. The first function is an input to select the default USID and the second function is to be
a general purpose output.
The state of the GPO1 pin at startup determines the default USID. If the GPO1 pin is low or left floating at
startup, the USID is 0100b. If the GPO1 pin is high at startup, the USID is 0101b. One method to set the GPO1
pin high is to place a pull-up resistor (39K
Ω) on the GPO1 pin.
When the GPO1 pin is used as the general purpose output, GPO_CTRL [6] needs to be set to 1b. Once it has
been enabled as the general purpose output, GPO_CTRL [7] will determine the state driven to the GPO1 pin.
The pull-up resistor needs to be placed either as an external pull-up on the board or through an internal pull-up
on the general purpose input which is tied to the GPO1 pin.
The GPO1 pin can be left floating if unused.
Trigger Registers
Trigger registers are indicated in the RFFE register map by the “Trigger” column. All trigger registers are tied to
each of the TRIG_0-2 register bits. When a trigger register is written directly across the RFFE interface, the new
value will not be loaded into the register until one of the TRIG0-2 register bits is written with a ‘1’ and the
associated TRIG_MSK_x bit for that TRIG_x is not set. (Triggers are ignored when their associated masking bit
is set.) When all 3 TRIG_MSK_0-2 bits are set (all triggers are masked) the trigger feature is disabled and any
trigger registers will be loaded directly at the time of the write operation to that register rather than waiting for a
trigger event to update.
Control Interface Timing Parameters
Figure 26. Clock Timing
Figure 27. Setup and Hold Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com