Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP108AIYFFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108AIYFFR
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP108AIYFFR Datasheet HTML 9Page - Texas Instruments TMP108AIYFFR Datasheet HTML 10Page - Texas Instruments TMP108AIYFFR Datasheet HTML 11Page - Texas Instruments TMP108AIYFFR Datasheet HTML 12Page - Texas Instruments TMP108AIYFFR Datasheet HTML 13Page - Texas Instruments TMP108AIYFFR Datasheet HTML 14Page - Texas Instruments TMP108AIYFFR Datasheet HTML 15Page - Texas Instruments TMP108AIYFFR Datasheet HTML 16Page - Texas Instruments TMP108AIYFFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TMP108
www.ti.com
SBOS663 – APRIL 2013
SLAVE MODE OPERATIONS
The TMP108 can operate as a slave receiver or slave transmitter.
Slave Receiver Mode:
The first byte transmitted by the master is the slave address, with the R/W bit low. The TMP108 then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP108 then acknowledges reception of the pointer register byte. The next byte or bytes are written to the
register addressed by the pointer register. The TMP108 acknowledges reception of each data byte. The master
can terminate data transfer by generating a start or stop condition.
Slave Transmitter Mode:
The first byte transmitted by the master is the slave address, with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte of
the register indicated by the pointer register. The master acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte. The
master can terminate data transfer by generating a not-acknowledge bit on reception of any data byte, or by
generating a start or stop condition.
SMBus ALERT FUNCTION
The TMP108 supports the SMBus alert function. When the TMP108 operates in interrupt mode (TM = '1'), the
ALERT pin may be connected as an SMBus alert signal. When a master senses that an alert condition is present
on the ALERT line, the master sends an SMBus alert command (00011001) to the bus. If the ALERT pin is
active, the device acknowledges the SMBus alert command and responds by returning its slave address on the
SDA line. The eighth bit (LSB) of the slave address byte indicates whether the alert condition is caused by the
temperature exceeding THIGH or falling below TLOW. The LSB is high if the temperature is greater than THIGH, or
low if the temperature is less than TLOW. See Figure 15 for details of this sequence.
If multiple devices on the bus respond to the SMBus alert command, arbitration during the slave address portion
of the SMBus alert command determines which device clears its alert status first. If the TMP108 wins the
arbitration, its ALERT pin becomes inactive at the completion of the SMBus alert command. If the TMP108 loses
the arbitration, its ALERT pin remains active.
GENERAL CALL
The TMP108 responds to a two-wire general call address (0000000) if the eighth bit is '0'. The device
acknowledges the general call address and responds to commands in the second byte. If the second byte is
00000100, the TMP108 latches the status of the address pin, but does not reset. If the second byte is 00000110,
the TMP108 internal registers are reset to power-up values. The TMP108 does not support the general address
acquire command.
HIGH-SPEED (Hs) MODE
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an SMBus
Hs-mode master code (00001xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP108 does not acknowledge this byte, but does switch its input filters on SDA and SCL and its
output filters on SDA to operate in Hs-mode, allowing transfers at up to 3.4 MHz. After the Hs-mode master code
has been issued, the master transmits a two-wire slave address to initiate a data-transfer operation. The bus
continues to operate in Hs-mode until a stop condition occurs on the bus. Upon receiving the stop condition, the
TMP108 switches the input and output filters back to fast-mode operation.
TIMEOUT FUNCTION
The TMP108 resets the serial interface if SCL or SDA are held low for 28 ms (typ) between a start and stop
condition. If the TMP108 is pulled low, it releases the bus and then waits for a start condition. To avoid activating
the timeout function, it is necessary to maintain a communication speed of at least 1 kHz for the SCL operating
frequency.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com