Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8EWF..S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8EWF..S
Description  optimized or combined short reverse rocovery time, low forward voltage drop and low leakage current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWF..S Datasheet(HTML) 1 Page - Vishay Siliconix

  8EWF..S Datasheet HTML 1Page - Vishay Siliconix 8EWF..S Datasheet HTML 2Page - Vishay Siliconix 8EWF..S Datasheet HTML 3Page - Vishay Siliconix 8EWF..S Datasheet HTML 4Page - Vishay Siliconix 8EWF..S Datasheet HTML 5Page - Vishay Siliconix 8EWF..S Datasheet HTML 6Page - Vishay Siliconix 8EWF..S Datasheet HTML 7Page - Vishay Siliconix 8EWF..S Datasheet HTML 8Page - Vishay Siliconix 8EWF..S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SURFACE MOUNTABLE
FAST SOFT RECOVERY
DIODE
V
F
< 1.2V @ 8A
t
rr
= 55ns
V
RRM 200 to 600V
QUIETIR Series
8EWF..S
I2124 rev. B 10/99
TO-252AA (D-Pak)
The 8EWF..S fast soft recovery
QUIETIR rectifier
series has been optimized for combined short
reverse recovery time, low forward voltage drop
and low leakage current
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
Output rectification and freewheeling diode
in inverters, choppers and converters.
Input rectifications where severe
restrictions on conducted EMI should be met.
Description/Features
Package Outline
I
F(AV)
Sinusoidalwaveform
8
A
V
RRM
200to 600
V
I
FSM
170
A
V
F
@8 A, T
J
= 25°C
1.2
V
t
rr
@ 1A, 100A/µs
55
ns
T
J
-40to150
°C
Major Ratings and Characteristics
Characteristics
8EWF..S
Units
Document Number: 93160
www.vishay.com
1


Similar Part No. - 8EWF..S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF IRF-8EWF Datasheet
162Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Inchange Semiconductor ...
8EWF02S ISC-8EWF02S Datasheet
238Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
8EWF02SPBF VISHAY-8EWF02SPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
logo
International Rectifier
8EWF02STRL IRF-8EWF02STRL Datasheet
162Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF02STRLPBF VISHAY-8EWF02STRLPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
More results

Similar Description - 8EWF..S

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114523 SENSITRON-SHD114523 Datasheet
43Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage Low Forward Voltage Drop
SHD118136 SENSITRON-SHD118136_11 Datasheet
107Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop Ultra Low Reverse Leakage
logo
Leshan Radio Company
HVM5 LRC-HVM5_11 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
HVP5 LRC-HVP5_11 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
logo
Sangdest Microelectroni...
RB751S-40 SMC-RB751S-40 Datasheet
145Kb / 4P
Low reverse current and low forward voltage
logo
Micro Commercial Compon...
RB520S-30DP MCC-RB520S-30DP Datasheet
425Kb / 3P
Low Reverse Current and Low Forward Voltage
RB521S-30DP MCC-RB521S-30DP Datasheet
475Kb / 3P
Low Reverse Current and Low Forward Voltage
RB751S-40DP MCC-RB751S-40DP Datasheet
380Kb / 3P
Low reverse current and low forward voltage
logo
STMicroelectronics
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
logo
SHIKUES Electronics
BAT42W SKTECHNOLGY-BAT42W Datasheet
1Mb / 2P
Low Forward Voltage Drop, Fast Switching Time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com