Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

132 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 132
Description  1 5/16"(33.3mm) Low Cost Indeustrial Single Turn Wirewound, Bushing Mount Type Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

132 Datasheet(HTML) 2 Page - Vishay Siliconix

  132 Datasheet HTML 1Page - Vishay Siliconix 132 Datasheet HTML 2Page - Vishay Siliconix 132 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 132
www.vishay.com
Vishay Spectrol
Revision: 12-Apr-13
2
Document Number: 57096
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING CHART
SAP PART NUMBERING GUIDELINES
132
B
2
1
103
B10
MODEL
STYLE
MECHANICAL
OPTIONS
ELECTRICAL
OPTIONS
OHMIC VALUE
PACKAGING
2: With stops
1: With center tap
103: 10K
Box of 10 pieces
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° (continuous) or 340° ± 5° (stops)
Bearing Type
Sleeve
Torque (maximums)
STARTING
1.0 oz. - in (72 g - cm)
RUNNING
0.7 oz.- in (50.40 g - cm)
Runouts (maximums)
Shaft Runout (TIR)
0.002" (0.05 mm)
Pilot Dia. Runout (TIR)
0.003" (0.08 mm)
Lateral Runout (TIR)
0.005" (0.13 mm)
Shaft End Play
0.008" (0.20 mm)
Shaft Radial Play
0.003" (0.08 mm)
Weight
1.0 oz. maximum (28.35 g)
Stop Strength
8.0 in - lbs (9.21 kg - cm) (stops version only)
± 0.031
0.875
(22.22)
Ø 0.4062
MTG. (10.32)
+ 0.0000
- 0.0020
0.032
(0.81)
Ø 0.2497 (6.34)
0.030 MAX. (0.76)
+ 0.0000
- 0.0003
0.562 (14.27)
0.032 (0.81)
3/
8 - 32 UNEF - 2A
Ø 0.125 (3.18)
0.062 (1.57)
MTG. SURFACE
0.062
(1.57)
0.625
(15.88)
± 0.015
0.187
(4.75)
± 0.015
± 0.015
Ø 1.312
(33.32)
60°
± 0.015
Ø 0.500
(12.70)
BC
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
0.375
(9.52)
± 0.015
± 0.010
CW
SCHEMATIC
2
3
1
MODEL 132B/132-...
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name, model number, resistance and
tolerance, linearity, terminal identification, and
data code Applicable test procedures:
MIL-R-12934.
Example of a marking for a standard part:
132-0-0-103
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE IN °C
6.0
5.0
4.0
3.0
2.0
1.0
RESISTANCE ELEMENT DATA
RESISTANCE
VALUES
(
)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 40 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
5
0.419
0.021
742
3.71
800
10
0.327
0.032
524
5.24
800
20
0.280
0.056
371
7.42
800
50
0.290
0.145
234
11.7
20
100
0.251
0.251
166
16.6
20
200
0.212
0.424
122
24.4
20
500
0.161
0.806
74.2
37.1
20
1K
0.150
1.50
52.4
52.4
20
2K
0.132
2.64
37.1
74.2
20
5K
0.107
5.34
23.4
117
20
10K
0.080
7.98
16.6
166
20
20K
0.067
13.4
12.2
244
20
35K
0.057
20.0
8.88
311
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com