Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

357 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 357
Description  7/8" diameter single turn
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

357 Datasheet(HTML) 2 Page - Vishay Siliconix

  357 Datasheet HTML 1Page - Vishay Siliconix 357 Datasheet HTML 2Page - Vishay Siliconix 357 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 357
www.vishay.com
Vishay Spectrol
Revision: 17-Apr-13
2
Document Number: 57059
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
SAP PART NUMBERING GUIDELINES
357B
2
203
M
X
B25
1S22
MODEL
FEATURES
OHMIC VALUE
TOLERANCE ON OHMIC VALUE
LINEARITY
PACKAGING
SHAFT TYPE
203 = 20K
M: ± 20 %/K: ± 10 %
X: ± 2 %
Box of 50 pieces
7.92 ± 0.2
Ø 6.35 mm SHAFT VERSION
Ø 6.0 mm SHAFT VARIATION: METRIC
TOLERANCES: LINEAR ± 0.50
ANGULAR ± 2°
SIGNAL
SCHEMATIC
2
3
1
Ø 1.57 ± 0.1
90°
3
1
2
R 4.5
IDENTIFICATION LABEL
10.3
Ø 6
0
- 0.05
Ø 6.345
0
- 0.05
3/8-32 UNEF-2A
1.57
0.64 ± 0.2
22
8.8
1.5
9.4
3 x 3.2
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g, 10 Hz to 2000 Hz
Shock
50 g
Load Life
1000 h
Storage temperature range
- 55 °C to + 125 °C
Life
5 000 000 shaft revolutions
Materials
Housing
Thermoplastic housing
Bushing
Brass, nickel plated
Rear lid
Alumina
Shaft
Stainless steel
Terminals
Turret type, solder plated
Bushing mount hardware
Lockwasher internal tooth
Steel, nickel plated
Panel nut
Brass nickel plated
MARKING
Unit
Indentification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification.
Example of a marking for a standard part:
357-0-0-1S22-103
RESISTANCE VALUE
Ohms
1K, 2K, 5K, 10K, 20K, 50K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com