Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ERL
Description  Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ERL Datasheet(HTML) 2 Page - Vishay Siliconix

  ERL Datasheet HTML 1Page - Vishay Siliconix ERL Datasheet HTML 2Page - Vishay Siliconix ERL Datasheet HTML 3Page - Vishay Siliconix ERL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ERL (Military RLR)
www.vishay.com
Vishay Dale
Revision: 19-Nov-12
2
Document Number: 31023
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
DIMENSIONS in inches (millimeters)
Note
(1) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
POWER RATING
Power ratings are based on the following two conditions:
1. ± 2.0 % maximum R in 2000 h load life
2. + 150 °C maximum operating temperature
GLOBAL PART NUMBER INFORMATION
VISHAY DALE
MODEL
AB
C
(Max.)
DE
ERL05
0.150 ± 0.020
(3.81 ± 0.51)
0.066 ± 0.008
(1.68 ± 0.21)
0.187
(4.75)
0.016 ± 0.002
(0.41 ± 0.05)
1.25 ± 0.266
(31.75 ± 6.76)
ERL07
0.250 + 0.031 - 0.046
(6.35 + 0.79 - 1.17)
0.090 ± 0.008
(2.29 ± 0.21)
0.300
(7.62)
0.025 ± 0.002
(0.64 ± 0.05)
1.50 ± 0.125
(38.10 ± 3.18)
ERL20
0.375 ± 0.041
(9.53 ± 1.04)
0.138 ± 0.023
(3.51 ± 0.58)
0.450
(11.43)
0.032 ± 0.002
(0.81 ± 0.05)
1.50 ± 0.125
(38.10 ± 3.18)
ERL32
0.562 ± 0.031
(14.27 ± 0.79)
0.190 ± 0.015
(4.83 ± 0.38)
0.625
(15.87)
0.032 + 0.002 - 0.001
(0.81 + 0.05 - 0.03)
1.50 ± 0.125
(38.10 ± 3.18)
ERL62
0.562 + 0.031 - 0.042
(14.27 + 0.79 - 1.07)
0.230 ± 0.015
(5.84 ± 0.38)
0.650
(16.51)
0.032 + 0.002 - 0.001
(0.81 + 0.05 - 0.03)
1.50 ± 0.125
(38.10 ± 3.18)
RLR07
C
3001
F
R
R36
TOLERANCE
CODE
FAILURE
RATE
RLR05
F = ± 1 %
M = 1.0 %/1000 h
B14 = Tin/lead, bulk
BSL = Tin/lead, bulk,
single lot date code
R36 = Tin/lead, T/R (full, except 32’s)
R64 = Tin/lead, T/R (full; 32’s only)
RE6 = Tin/lead, T/R (1000 pieces)
RSL = Tin/lead, T/R,
single lot date code
RLR07
G = ± 2 %
P = 0.1 %/1000 h
RLR20
by a multiplier
Use “R” for
values < 100
Ω
R = 0.01 %/1000 h
0
0
R
1
= 1.0
S = 0.001%/1000h
3302 = 33 k
Ω
1005 = 10 M
Ω
New Global Part Numbering: RLR07C3001FRR36 (preferred part numbering format)
RL
R
0
7
C
3
0
0
1
F
R
R
3
6
Historical Part Number example: RLR07C3001FR (will continue to be accepted)
MIL STYLE
LEAD MATERIAL
RESISTANCE VALUE
TOLERANCE CODE
FAILURE RATE
PACKAGING
Blank = Standard
(Dash number)
(Up to 3 digits)
From 1 to 999 as applicable
1 = Hot solder dip (32’s)
11 = Hot solder dip (20’s)
19 = Hot solder dip (05’s)
23 = Hot solder dip (07’s)
= Solderable/
C
RESISTANCE
VALUE
figure, followed
MIL STYLE
LEAD MATERIAL
PACKAGING
SPECIAL
RLR32
weldable
3 digit significant
A
D
B
E (1)
C
(Max.)
MATERIAL SPECIFICATIONS
Element
Vacuum-deposited nickel-chrome alloy
Core
Fire-cleaned high purity ceramic
Encapsulation
Specially formulated epoxy compound
Termination
Standard lead material is solder-coated
copper Solderable and weldable per
MIL-STD-1276, Type C.
APPLICABLE MIL-SPECIFICATIONS
MIL-PRF-39017:
The ERL series meets the electrical, environmental and
dimensional requirements of MIL-PRF-39017.
MIL-PRF-22684:
MIL-PRF-39017 supercedes MIL-PRF-22684 on new designs. The
ERL series meet or exceed MIL-PRF-22684 requirements.
Documentation:
Qualification and failure rate verfication test data is maintained by
Vishay Dale and is available upon request. Lot traceability and
identification data is maintained by Vishay Dale for five years.
CAGE CODE: 91637



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com