Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLDF02 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # HVLDF02
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVLDF02 Datasheet(HTML) 5 Page - Vishay Siliconix

  HVLDF02 Datasheet HTML 1Page - Vishay Siliconix HVLDF02 Datasheet HTML 2Page - Vishay Siliconix HVLDF02 Datasheet HTML 3Page - Vishay Siliconix HVLDF02 Datasheet HTML 4Page - Vishay Siliconix HVLDF02 Datasheet HTML 5Page - Vishay Siliconix HVLDF02 Datasheet HTML 6Page - Vishay Siliconix HVLDF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28500
70
Revision: 07-Jan-10
F Series
Vishay BCcomponents
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
REEL AND TAPE DATA in millimeters
DIMENSIONS OF AMMOPACK
PARAMETER
DISC SIZE
(DMAX.)
UNIT
6.5 mm to 11.0 mm
12.0 mm to 13.5 mm
Taping pitch
12.7
15.0
mm
L
335
360
mm
W
290
330
mm
H50
55
mm
28 ± 1.5
355.6 ± 2.0
Reel with capacitors on tape
51 max.
45 max.
8.0
W
L
H
Ammopack with capacitors on tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com