Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP16AB11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LP16AB11
Description  Low Profile, High Current IHLP® Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP16AB11 Datasheet(HTML) 2 Page - Vishay Siliconix

  LP16AB11 Datasheet HTML 1Page - Vishay Siliconix LP16AB11 Datasheet HTML 2Page - Vishay Siliconix LP16AB11 Datasheet HTML 3Page - Vishay Siliconix LP16AB11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IHLP-1616AB-11
www.vishay.com
Vishay Dale
Revision: 13-Sep-12
2
Document Number: 34194
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
IHLP-1616AB-11 0.10 μH
0.00
0.02
0.04
0.06
0.10
0
2
18 20 22 24 26
0
20
60
80
100
DC CURRENT (A)
0.08
40
16
14
12
10
8
6
4
ΔT °C
L
IHLP-1616AB-11 0.22 μH
0.00
0.05
0.10
0.15
0.25
02
10
0
20
60
80
100
ΔT °C
DC CURRENT (A)
0.20
40
L
8
6
4
IHLP-1616AB-11 0.47 μH
0.0
0.1
0.2
0.3
0.5
01
9
0
20
60
80
100
ΔT °C
DC CURRENT (A)
0.4
40
L
8
7
6
5
4
3
2
IHLP-1616AB-11 1.0 μH
0.0
0.2
0.4
0.6
1.0
01
7
0
20
60
80
100
ΔT °C
DC CURRENT (A)
0.8
40
L
6
5
4
3
2
IHLP-1616AB-11 1.2 μH
0.0
0.4
0.8
1.2
2.0
01
6
0
20
60
80
100
DC CURRENT (A)
1.6
40
L
5
4
3
2
ΔT °C
IHLP-1616AB-11 1.5 μH
0.0
0.4
0.8
1.2
2.0
01
6
0
20
60
80
100
DC CURRENT (A)
1.6
40
L
5
4
3
2
ΔT °C
IHLP-1616AB-11 2.2 μH
0
1
2
3
5
0.0
0.5
0
20
60
80
100
DC CURRENT (A)
4
40
3.5
3.0
2.5
2.0
1.5
1.0
4.0
ΔT °C
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com