Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX1632245LBR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VCX1632245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245LBR Datasheet(HTML) 4 Page - STMicroelectronics

  74VCX1632245LBR Datasheet HTML 1Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 2Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 3Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 4Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 5Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 6Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 7Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 8Page - STMicroelectronics 74VCX1632245LBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74VCX1632245
4/18
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those value beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VI from 0.8V to 2.0V at VCC =3.0V
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
-0.5 to +4.6
V
VCCB
Supply Voltage
-0.5 to +4.6
V
VI
DC Input Voltage
-0.5 to +4.6
V
VI/OA
DC I/O Voltage (Output disabled)
-0.5 to +4.6
V
VI/OB
DC I/O Voltage (Output disabled)
-0.5 to +4.6
V
VI/OA
DC I/O Voltage
-0.5 to VCCA + 0.5
V
VI/OB
DC I/O Voltage
-0.5 to VCCB + 0.5
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 50
mA
IOA
DC Output Current
± 50
mA
IOB
DC Output Current
± 50
mA
ICCA
DC VCC or Ground Current
± 100
mA
ICCB
DC VCC or Ground Current
± 100
mA
Pd
Power Dissipation
400
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
2.3 to 3.6
V
VCCB
Supply Voltage
1.65 to VCCA
V
VI
Input Voltage (Dir, G)
0 to VCCB
V
VI/OA
I/O Voltage
0 to VCCA
V
VI/OB
I/O Voltage
0 to VCCB
V
Top
Operating Temperature
-40 to 85
°C
dt/dv
Input Rise and Fall Time (note 1)
0 to 10
ns/V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com