Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003AH Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2003AH
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003AH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2003AH Datasheet HTML 4Page - STMicroelectronics TDA2003AH Datasheet HTML 5Page - STMicroelectronics TDA2003AH Datasheet HTML 6Page - STMicroelectronics TDA2003AH Datasheet HTML 7Page - STMicroelectronics TDA2003AH Datasheet HTML 8Page - STMicroelectronics TDA2003AH Datasheet HTML 9Page - STMicroelectronics TDA2003AH Datasheet HTML 10Page - STMicroelectronics TDA2003AH Datasheet HTML 11Page - STMicroelectronics TDA2003AH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical specifications
TDA2003A
8/19
Doc ID 018796 Rev 4
2.3
Electrical characteristics
Vs = 14.4 V, Tamb = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DC characteristics (refer to DC test circuit)
VS
Supply voltage
-
8
-
18
V
VO
Quiescent output voltage (pin 4)
-
6.1
6.9
7.7
V
Id
Quiescent drain current (pin 5)
-
-
44
50
mA
AC characteristics (refer to DC test circuit)
Po
Output power
d = 10%; f = 1 kHz
RL = 4 Ω
RL = 2 Ω
RL = 3.2 Ω
RL = 1.6 Ω
5.5
9
6
10
7.5
12
-W
Vi(rms)
Input saturation voltage
-
300
mV
Vi
Input sensitivity
f = 1 kHz
RL = 4 Ω; Po = 0.5 W;
RL = 4 Ω; Po = 6 W
RL = 2 Ω; Po = 0.5 W;
RL = 2 Ω; Po = 10 W;
-
14
55
10
50
-mW
B
Frequency response (-3 dB)
RL = 4 Ω; Po = 1 W;
40 to 15,000
Hz
d
Distortion
f = 1 kHz
RL = 4 Ω; Po = 0.05 to 4.5 W;
RL = 2 Ω; Po = 0.05 to 7.5 W;
-0.15
0.15
-
%
Ri
Input resistance
f = 1 kHz
70
150
-
k
Ω
Gv
Voltage gain (open loop)
f = 1 kHz;
f = 10 kHz
-
80
60
-
dB
dB
Gv
Voltage gain (closed loop)
f = 1 kHz; RL = 4 Ω
39.3
40
40.3
dB
eN
Input noise voltage (1)
--
1
5
µV
iN
Input noise current (1)
-
-
60
200
pA
h
Efficiency
f = 1 kHz
RL = 4 Ω; Po = 6 W;
RL = 2 Ω; Po = 10 W;
-69
65
-%
%
SVR
Supply voltage rejection
f = 100 Hz; Vripple = 0.5 V;
Rg = 10 kΩ; RL = 4 Ω;
30
36
-
dB
1.
Filter with noise bandwidth: 22 Hz to 22 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com