Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-08SFILM Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAS70-08SFILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-08SFILM Datasheet(HTML) 4 Page - STMicroelectronics

  BAS70-08SFILM Datasheet HTML 1Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 2Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 3Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 4Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 5Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 6Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 7Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 8Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
BAS70
4/14
Doc ID 12563 Rev 2
Figure 7.
Forward voltage drop versus
forward current (typical values)
Figure 8.
Differential forward resistance
versus forward current
(typical values)
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IFM(mA)
Tj=125 °C
Tj=25 °C
VFM(V)
10
100
1000
0.1
1.0
10.0
F=100 MHz
Tj=25 °C
R( )
F
Ω
IF(mA)
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 10.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
10
100
1000
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)(°C/W)
Single pulse
SOT-323-6L
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOT-323-6L
CU
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOT-23
Aluminesubstrate
10 x 8 x 0.5 mm
tP(s)
alluminium oxide substrate 10 x 8 x 0.5 mm SOT-23
Figure 11.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 12.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOD-323
EpoxyFR4
S
CU=2.25 mm²
e
CU=35 µm
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOD-323
CU
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-a)/Rth(j-a)
Single pulse
SOT-666
Epoxy FR4
e
CU=35 µm
tP(s)
printed circuit board, epoxy FR4 e
= 35 µm SOT-666
CU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com