Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3296Z Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3296Z
Description  Square Trimpot Trimming Potentiometer Tape and reel packaging available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3296Z Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3296Z Datasheet HTML 1Page - Bourns Electronic Solutions 3296Z Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3296 - 3/8 ” Square Trimpot® Trimming Potentiometer
Packaging Specifications
SIDE ADJUST
3296X-1
18 ± .76
(.709 ± .030)
8.89 + .76 /- .51
(.350 + .030 /- .020)
28.07 ± .76
(1.105 ± .030)
3.81 ± .71
(.15 ± .028)
1
2
3
4.83 + .30/ -.25
(.190 + .012/ -.010)
2.41 ± .25
(.095 ± .010)
12.70
(.500)
REF.
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
4.0 ± .03
(.157 ± .001)
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
12.70
(.500)
TOP ADJUST
3296W-1
29.59 ± .76
(1.165 ± .030)
1
2
3
REF.
4.83 + .30/ -.25
(.190 + .012/ -.010)
2.41 ± .25
(.095 ± .010)
18 ± .76
(.709 ± .030)
4.0 ± .03
(.157 ± .001)
DIA.
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
8.89 + .76 /- .51
(.350 + .030 /- .020)
3.81 ± .71
(.150 ± .028)
.51 ± .051
(020 ± .002)
DIA. TYP.
(.100)
2.54
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Meets EIA Specification 468.
REV. 08/10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com