Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4700-1ARDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4700-1ARDZ-R7
Description  High Voltage, Precision Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4700-1ARDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4700-1ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Voltage, Precision
Operational Amplifier
Preliminary Technical Data
ADA4700-1
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
Low input offset voltage: ≤0.2 mV typical
High output current drive: 20mA, 50 mA
Wide range of operating voltage: ±5 V to ±50 V
Specified at ±5 V, ±24 V, and ±50 V
High slew rate: 20 V/μs typical
High gain bandwidth product: ≥3 MHz typical
On-board thermal shutdown at 165°C
Ambient temperature range of −40°C to +85°C
Low input bias current: IBIAS ≤ 15 nA typical
APPLICATIONS
Automated and bench top test equipment
High voltage regulators and power amplifiers
Data acquisition and signal conditioning
Piezo drivers and predrivers
General-purpose current sensing
PIN CONFIGURATION
Figure 1.
GENERAL DESCRIPTION
The ADA4700-1 is a high voltage precision operational amplifier
with a wide operating voltage (±5 V to ±50 V) and relatively
high output current drive available as a single op amp in an
SOIC package. It combines low power consumption, high
bandwidth, and a slew rate with unity-gain stability and phase
inversion free performance. The ability to swing near rail-to-rail
at the output enables designers to maximize signal-to-noise ratios
(SNRs).
The ADA4700-1 is designed for applications requiring both ac and
precision dc performance, making the ADA4700-1 useful in a
wide variety of applications, including high voltage test equipment
and instrumentation, high voltage regulators and power amplifiers,
power supply control and protection, and as an amplifier or buffer
for transducers with wide output ranges. It is particularly well
suited for high intensity LED testing applications where it provides
highly accurate voltage and current feedback as well as a predriver
to provide accurate voltage and/or current sourcing stimulus to
the LED string under test.
The ADA4700-1 is specified over the industrial temperature
range of −40°C to +85°C and includes an on-board thermal
shutdown at 165°C internal junction temperature as well as an
internal current limit for safety. The ADA4700-1 is available in
a thermally enhanced, 8-lead SOIC package that uses a small
exposed metal pad on the bottom of the package to allow the
customer to heat sink the part to the printed circuit board (PCB).
For proper operation, the exposed pad must be connected to V−.
NC
–IN
+IN
V–
NC
V+
OUT
NC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADA4700-1
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE
CONNECTED TO V–.


Similar Part No. - ADA4700-1ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4700-1ARDZ-R7 AD-ADA4700-1ARDZ-R7 Datasheet
613Kb / 28P
High Voltage, Precision Operational Amplifier
Rev. 0
More results

Similar Description - ADA4700-1ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
High Precision Operational Amplifier
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
High Precision Operational Amplifier
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
High-Precision Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com