Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2TO035C48R70FRE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D2TO035C48R70FRE3
Description  Surface Mount Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO035C48R70FRE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  D2TO035C48R70FRE3 Datasheet HTML 1Page - Vishay Siliconix D2TO035C48R70FRE3 Datasheet HTML 2Page - Vishay Siliconix D2TO035C48R70FRE3 Datasheet HTML 3Page - Vishay Siliconix D2TO035C48R70FRE3 Datasheet HTML 4Page - Vishay Siliconix D2TO035C48R70FRE3 Datasheet HTML 5Page - Vishay Siliconix D2TO035C48R70FRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D2TO35
www.vishay.com
Vishay Sfernice
Revision: 22-Apr-13
3
Document Number: 51058
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHOICE OF THE BOARD
The user must choose the board according to the working conditions of the component (power, room temperature). Maximum
working temperature must not exeed 175 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
T:
Difference between maximum working temperature and room temperature or fluid cooling temperature
RTH (j - c): Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance
of the component: 4.28 °C/W.
RTH (c - h): Thermal resistance value measure 4.28 °C/W. Outer side of the resistor and upper side of the board. This is the
thermal resistance of the solder layer.
RTH (h - a): Thermal resistance of the board.
Example:
RTH (c - h) + RTH (h - a) for D2TO35 power rating 3.5 W at ambient temperature + 25 °C.
Thermal resistance RTH (j - c): 4.28 °C/W
Considering equation (1) we have:
T = 175 °C - 25 °C = 150 °C
RTH (j - c) + RTH (c - h) + RTH (h - a) = T/P = 150/3.5 = 42.8 °C/W
RTH (c - h) + RTH (h - a) = 42.8 °C/W - 4.28 °C/W = 38.52 °C/W
Single Pulse:
These informations are for a single pulse on a cold resistor at 25 °C (not already used for a dissipation) and for pulses of
100 ms maximum duration.
The formula used to calculate E is:
with:
E (J): Pulse energy
P (W): Pulse power
t (s): Pulse duration
U (V): Pulse voltage
R (W): Resistor
The energy calculated must be less: than that allowed by the graph.
Repetitive or Superimposed Pulses:
The following formula is used to calculate the “equivalent” energy of a repetitive pulse or the “equivalent energy” of a pulse on
a resistor that is already dissipating power.
with:
Ec (J):
Equivalent pulse energy
E (J):
Known pulse energy
Pr:
Resistor power rating
Pa:
Mean power being dissipated
The energy calculated must be less than that allowed by the graph and the average power dissipated (Pa) must not exceed the
continuous power of resistor.
P
T
R
TH (j - c)

R
TH (c - h)

R
TH (h - a)

++
---------------------------------------------------------------------------------------------------
1

=
E
P x t
U
2
R
--------
x t
==
E
c
E x 1
P
a
P
r
------
+


=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com