Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234AMAE/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2234AMAE/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2234AMAE/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP2234AMAE/NOPB Datasheet HTML 1Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 2Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 3Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 4Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 5Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 6Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 7Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 8Page - Texas Instruments LMP2234AMAE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMP2234
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
www.ti.com
5V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
GBWP
Gain Bandwidth Product
CL = 20 pF, RL = 10 kΩ
130
kHz
SR
Slew Rate
AV = +1
Falling Edge
33
58
32
V/ms
Rising Edge
33
48
32
θ m
Phase Margin
CL = 20 pF, RL = 10 kΩ
68
deg
Gm
Gain Margin
CL = 20 pF, RL = 10 kΩ
27
dB
en
Input-Referred Voltage Noise Density
f = 1 kHz
60
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
2.3
μVPP
in
Input-Referred Current Noise Density
f = 1 kHz
10
fA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 100 Hz, RL = 10 kΩ
0.002
%
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
3.3V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3.3V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
±10
±160
μV
±250
TCVOS
Input Offset Voltage Drift
LMP2234A
±0.3
±0.75
μV/°C
LMP2234B
±0.3
±2.5
IBIAS
Input Bias Current
±0.02
±1
pA
±50
IOS
Input Offset Current
±5
fA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 2.3V
79
92
dB
77
PSRR
Power Supply Rejection Ratio
1.6V
≤ V+ ≤ 5.5V
83
120
dB
VCM = 0V
82
CMVR
Common Mode Voltage Range
CMRR
≥ 78 dB
−0.2
2.5
V
CMRR
≥ 77 dB
−0.2
2.5
AVOL
Large Signal Voltage Gain
VO = 0.3V to 3V
108
120
dB
RL = 10 kΩ to V
+/2
107
VO
Output Swing High
RL = 10 kΩ to V
+/2
14
50
mV
VIN(diff) = 100 mV
50
from either
rail
Output Swing Low
RL = 10 kΩ to V
+/2
14
50
VIN(diff) = −100 mV
50
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com