Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7160AUJZ-1.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM7160AUJZ-1.8-R7
Description  Ultralow Noise, 200 mA Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7160AUJZ-1.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM7160AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADM7160AUJZ-1.8-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM7160
Data Sheet
Rev. 0 | Page 16 of 24
Figure 41 and Figure 42 show the connection of 4.7 μF capaci-
tors on the VIN and VOUT pins for the 5-lead TSOT and 6-lead
LFCSP packages, respectively.
1
2
3
5
4
CIN
4.7µF
COUT
4.7µF
VOUT = 2.5V
VIN = 2.9V
VOUT
NC
VIN
GND
ADM7160
EN
OFF
ON
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 41. 5-Lead TSOT with 4.7 μF Input and Output Capacitors
ADM7160
TOP VIEW
(Not to Scale)
4
6
5
GND
VOUT
NC
3
1
2
EN
VIN
NC
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ON
OFF
CIN
4.7µF
COUT
4.7µF
VIN = 2.9V
VOUT = 2.5V
Figure 42. 6-Lead LFCSP with 4.7 μF Input and Output Capacitors
THERMAL CONSIDERATIONS
In most applications, the ADM7160 does not dissipate much
heat due to its high efficiency. However, in applications with
high ambient temperature and a high supply voltage-to-output
voltage differential, the heat dissipated in the package can cause
the junction temperature of the die to exceed the maximum
junction temperature of 125°C.
When the junction temperature exceeds 150°C, the ADM7160
enters thermal shutdown. To prevent any permanent damage, the
regulator recovers only after the junction temperature decreases
below 135°C. Therefore, thermal analysis for the selected applica-
tion is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of the
ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 2.
To guarantee reliable operation, the junction temperature of the
ADM7160 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistance between
the junction and ambient air (θJA). The θJA value is dependent on
the package assembly compounds used and the amount of copper
used to solder the package GND pin and the exposed pad (in the
case of the LFCSP) to the PCB.
Table 6 shows typical θJA values for the 5-lead TSOT and 6-lead
LFCSP packages for various PCB copper sizes.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
TSOT
LFCSP
01
170
231.2
50
152
161.8
100
146
150.1
300
134
111.5
500
131
91.8
1
Device soldered to minimum size pin traces.
Table 7 shows the typical ΨJB values for the 5-lead TSOT and
6-lead LFCSP.
Table 7. Typical ΨJB Values
Package
ΨJB (°C/W)
TSOT
43
LFCSP
28.3
The junction temperature of the ADM7160 can be calculated
using the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
θJA is the junction-to-ambient thermal resistance of the package.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(3)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation can
be simplified as follows:
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(4)
As shown in Equation 4, for a given ambient temperature, input-
to-output voltage differential, and continuous load current, a
minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not exceed 125°C.
Figure 43 through Figure 54 show junction temperature
calculations for various ambient temperatures, load currents,
input-to-output voltage differentials, and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com