Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMP3101 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMP3101
Description  Standard SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3101 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMP3101 Datasheet HTML 1Page - Vishay Siliconix TLMP3101 Datasheet HTML 2Page - Vishay Siliconix TLMP3101 Datasheet HTML 3Page - Vishay Siliconix TLMP3101 Datasheet HTML 4Page - Vishay Siliconix TLMP3101 Datasheet HTML 5Page - Vishay Siliconix TLMP3101 Datasheet HTML 6Page - Vishay Siliconix TLMP3101 Datasheet HTML 7Page - Vishay Siliconix TLMP3101 Datasheet HTML 8Page - Vishay Siliconix TLMP3101 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number 83032
Rev. 1.8, 12-Sep-07
www.vishay.com
3
Vishay Semiconductors
TLMG/H/O/P/Y310.
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 1.6
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 1.6
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 1.6
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMY310., YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
TLMY3100
IV
2.5
6
mcd
TLMY3102
IV
6.3
20
mcd
Dominant wavelength
IF = 10 mA
λ
d
581
594
nm
Peak wavelength
IF = 10 mA
λ
p
585
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.1
2.8
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMG310., GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
TLMG3100
IV
49
mcd
TLMG3102
IV
10
20
mcd
TLMG3105
IV
6.3
20
mcd
Dominant wavelength
IF = 10 mA
λ
d
562
575
nm
Peak wavelength
IF = 10 mA
λ
p
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.2
2.8
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMP310., PURE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity 2)
IF = 10 mA
TLMP3100
IV
14
mcd
TLMP3101
IV
1.6
5
mcd
TLMP3102
IV
2.5
8
mcd
TLMP3107
IV
2.5
5
mcd
Dominant wavelength
IF = 10 mA
λ
d
555
565
nm
Peak wavelength
IF = 10 mA
λ
p
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.1
2.8
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com