Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8043
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8043 Datasheet HTML 1Page - Texas Instruments DAC8043 Datasheet HTML 2Page - Texas Instruments DAC8043 Datasheet HTML 3Page - Texas Instruments DAC8043 Datasheet HTML 4Page - Texas Instruments DAC8043 Datasheet HTML 5Page - Texas Instruments DAC8043 Datasheet HTML 6Page - Texas Instruments DAC8043 Datasheet HTML 7Page - Texas Instruments DAC8043 Datasheet HTML 8Page - Texas Instruments DAC8043 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
DAC8043
DAC8043
PARAMETER
SYMBOL
CONDITIONS
LIMIT
UNITS
STATIC ACCURACY
Resolution
N
12
Bits min
Integral Nonlinearity
INL
±1
LSB max
Differential Nonlinearity
DNL
±1
LSB max
Gain Error
GFSE
Using Internal Feedback Resistor
±2
LSB max
Power Supply Rejection Ratio
PSRR
∆V
DD = ±5%
±0.002
%/% max
Output Leakage Current (IOUT)ILKG
Digital Inputs = VIL
±5
nA max
REFERENCE INPUT
Input Resistance
RIN
7/15
k
Ω min/max
DIGITAL INPUTS
Digital Input HIGH
VIH
2.4
V min
Digital Input LOW
VIL
0.8
V max
Input Leakage Current
IIL
VIN = 0V to VDD
±1
µA max
POWER SUPPLY
Supply Current
IDD
Digital Inputs = VIH or VIL
500
µA max
Digital Inputs = 0V to VDD
100
µA max
NOTE: Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not
guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
WAFER TEST LIMITS
At VDD = +5V; VREF = +10V; IOUT = GND = 0V; TA = +25°C.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
Digital Inputs: All digital inputs of the DAC8043 incorpo-
rate on-chip ESD protection circuitry. This protection is
designed and has been tested to withstand five 2500V
positive and negative discharges (100pF in series with 1500
Ω)
applied to each digital input.
Analog Pins: Each analog pin has been tested to Burr-
Brown’s analog ESD test consisting of five 1000V positive
and negative discharges (100pF in series with 1500
Ω) ap-
plied to each pin. V
REF and RFB show some sensitivity.
ABSOLUTE MAXIMUM RATINGS
VDD to GND .................................................................................. 0V, +7V
VREF to GND ...................................................................................... ±25V
VRFB to GND ...................................................................................... ±25V
Digital Input Voltage Range ................................................. –0.3V to VDD
Output Voltage (Pin 3) ......................................................... –0.3 V to VDD
Operating Temperature Range
AD ........................................................................................ 0
°C to +70°C
U, UC ............................................................................... –40
°C to +85°C
Junction Temperature .................................................................... +150
°C
Storage Temperature .................................................... –65
°C to + 150°C
Lead Temperature (soldering, 10s) .............................................. +300
° C
θ
JA
..........................................................................................................................
+100
°C/W
θ
JC
........................................................................................... +42
°C/W
CAUTION: 1. Do not apply voltages higher than VDD or less than GND
potential on any terminal except VREF (Pin 1) and RFB (Pin 2). 2. The digital
control inputs are ESD protected: however, permanent damage may occur on
unprotected units from high-energy electrostatic fields. Keep units in conduc-
tive foam at all times until ready to use. 3. Use proper anti-static handling
procedures. 4. Absolute Maximum Ratings apply to both packaged devices.
Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device.
Top View
8-Pin SOIC
PIN CONFIGURATION
8
7
5
6
CLK
SRI
LD
V
DD
1
2
4
3
R
FB
I
OUT
GND
V
REF
PACKAGE/ORDERING INFORMATION
PACKAGE
TEMPERATURE
DRAWING
PRODUCT
INL
RANGE
PACKAGE
NUMBER(1)
DAC8043U
1LSB
–40
°C to +85°C
8-pin SOIC
182
DAC8043UC
1/2LSB
–40
°C to +85°C
8-pin SOIC
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com