Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8043UC/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8043UC/2K5
Description  12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8043UC/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8043UC/2K5 Datasheet HTML 1Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 2Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 3Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 4Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 5Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 6Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 7Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 8Page - Texas Instruments DAC8043UC/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
DAC8043
DAC8043U
DAC8043UC
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
At V
DD = +5V; VREF = +10V; IOUT = GND = 0V; TA = Full Temperature Range specified under Absolute Maximum Ratings, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
N
12
12
Bits
Nonlinearity(1)
INL
±1
±1/2
LSB
Differential Nonlinearity(2)
DNL
±1
±1/2
LSB
Gain Error(3)
FSE
T
A = +25°C
±2
±1
LSB
T
A = Full Temp Range
±2
±2
LSB
Gain Tempco(5)
TC
FSE
±5
±5
ppm/
°C
Power Supply Rejection Ratio
PSRR
∆V
DD = ±5%
±0.0006
±0.002
±0.0006
±0.002
%/%
Output Leakage Current(4)
I
LKG
T
A = +25°C
±5
±5nA
T
A = Full Temp Range
±100
±25
nA
Zero Scale Error(7, 12)
I
ZSE
T
A = +25°C
0.03
0.03
LSB
T
A = Full Temp Range
0.60
0.15
LSB
Input Resistance(8)
R
IN
7
11
15
7
11
15
k
Ω
AC PERFORMANCE
Output Current Settling Time(5, 6)
t
S
T
A = +25°C
0.25
1
0.25
1
µs
Digital-to-Analog Glitch
V
REF = 0V
2
20
2
20
nVs
Energy(5, 10)
QI
OUT = Load = 100Ω
C
EXT = 13pF
DAC Register Loaded Alternately with all 0s and all 1s
Feedthrough Error(5, 11)
FT
V
REF = 20Vp-p at f = 10kHz
0.7
1
0.7
1
mVp-p
(V
REF to IOUT)
Digital Input = 0000 0000 0000
T
A = +25°C
Total Harmonic Distortion(5)
THD
V
REF = 6VRMS at 1kHz
–85
–85
dB
DAC Register Loaded with all 1s
Output Noise Voltage Density(5, 13)
e
N
10Hz to 100kHz
17
17
nV/
√Hz
Between R
FB and IOUT
DIGITAL INPUTS
Digital Input High
V
IH
2.4
2.4
V
Digital Input Low
V
IL
0.8
0.8
V
Input Leakage Current(9)
I
IL
V
IN = 0V to +5V
±1
±1
µA
Input Capacitance(5, 11)
C
IN
V
IN = 0V
8
8
pF
ANALOG OUTPUTS
Output Capacitance(5)
C
OUT
Digital Inputs = V
IH
110
110
pF
Digital Inputs = V
IL
80
80
pF
TIMING CHARACTERISTICS(5, 14)
Data Setup Time
t
DS
T
A = Full Temperature Range
40
40
ns
Data Hold Time
t
DH
T
A = Full Temperature Range
80
80
ns
Clock Pulse Width High
t
CH
T
A = Full Temperature Range
90
90
ns
Clock Pulse Width Low
t
CL
T
A = Full Temperature Range
120
120
ns
Load Pulse Width
t
LD
T
A = Full Temperature Range
120
120
ns
LSB Clock into Input Register
to Load DAC Register Time
t
ASB
T
A = Full Temperature Range
0
0
ns
POWER SUPPLY
Supply Voltage
V
DD
4.75
5
5.25
4.75
5
5.25
V
Supply Current
I
DD
Digital Inputs = V
IH or VIL
500
500
µA
Digital Inputs = 0V or V
DD
100
100
µA
NOTES: (1)
±1/2 LSB = ±0.012% of Full Scale. (2) All grades are monotonic to 12-bits over temperature. (3) Using internal feedback resistor. (4) Applies to I
OUT; All
digital inputs = 0V. (5) Guaranteed by design and not tested. (6) I
OUT Load = 100Ω, CEXT = 13pF, digital input = 0V to VDD or VDD to 0V. Extrapolated to 1/2 LSB:
t
S = propagation delay (tPD) + 9τ where τ = measured time constant of the final RC decay. (7) VREF = +10V, all digital inputs = 0V. (8) Absolute temperature coefficient
is less than
±50ppm/°C. (9) Digital inputs are CMOS gates: I
IN is typically 1nA at +25°C. (10) VREF = 0V, all digital inputs = 0V to VDD or VDD to 0V. (11) All digital
inputs = 0V. (12) Calculated from worst case R
REF: IZSE (in LSBs) = (RREF X ILKG X 4096)/VREF. (13) Calculations from en = √4K TRB where: K = Boltzmann constant,
J/
°K, R = resistance, Ω. T = Resistor temperature, °K, B = bandwidth, Hz. (14) Tested at V
IN = 0V or VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com