Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AFP-CF0J Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M51995AFP-CF0J
Description  Switching Regulator Control
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AFP-CF0J Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M51995AFP-CF0J Datasheet HTML 17Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 18Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 19Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 20Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 21Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 22Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 23Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 24Page - Renesas Technology Corp M51995AFP-CF0J Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
M51995AP/AFP
REJ03D0835-0300 Rev.3.00 Jun 06, 2008
Page 19 of 40
As shown in figure 5, the internal circuit kills the first output pulse in the output waveform. The output waveform
will appear from the second pulse cycle because the duration of first cycle takes CF charging time longer comparing
with that at the stable operating state.
Usually the applied voltage to VF terminal must be proportional the output voltage of the regulator.
So when the over current occurs and the output voltage of the regulator becomes low, the off-duration becomes wide.
There are two methods to get the control voltage, which depends on the output voltage, on primary side. For the fly
back type regulator application, the induced voltage on the third or bias winding is dependent on output voltage. On
the other hand, for the feed forward type regulator application, it can be used that the output voltage depends on the
product of induced voltage and “on-duty”, as the current of choke coil will continue at over load condition, it means
the “continuous current” condition.
Figure 6 shows one of the examples for VF terminal application for the feed forward type regulator.
Voltage waveform of
CF terminal
Voltage waveform of
output terminal at
Max ON duty
VOSCH
≈ 4.4 V
VOSCL
≈ 2.0 V
VOH
VOL
Figure 4 OSC Waveform with Operation of Intermittent and OSC Control Circuit Operation
Start from 0 V
First
pulse
Operation start
0
0
VOSCH
VOSCL
VOH
VOL
Voltage waveform of
CF terminal
Voltage waveform of
output terminal at
Max ON duty
No generate
pulse
Figure 5 Relation between OSC and Output Waveform Circuit Operation at Start-up
M51995A
VOUT
VF
RVFFB
CVFFB
Figure 6 Feedback Loop with Low Pass Filter from Output to VF Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com