Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF366 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  20 to 85 MHz Shift Clock Support, Rx Power Consumption <142 mW (typ) @85MHz Grayscale
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90CF366 Datasheet(HTML) 3 Page - Texas Instruments

  DS90CF366 Datasheet HTML 1Page - Texas Instruments DS90CF366 Datasheet HTML 2Page - Texas Instruments DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS90CF366, DS90CF386
www.ti.com
SNLS055I – NOVEMBER 1999 – REVISED APRIL 2013
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
f = 32.5 MHz
49
70
mA
Pattern,
f = 37.5 MHz
53
75
mA
DS90CF386 Figure 3,
f = 65 MHz
81
114
mA
Figure 6
f = 85 MHz
96
135
mA
ICCRW
Receiver Supply Current Worst Case
CL = 8 pF, Worst Case
f = 32.5 MHz
49
60
mA
Pattern,
f = 37.5 MHz
53
65
mA
DS90CF366 Figure 3,
f = 65 MHz
78
100
mA
Figure 6
f = 85 MHz
90
115
mA
ICCRG
Receiver Supply Current, 16 Grayscale
CL = 8 pF, 16 Grayscale
f = 32.5 MHz
28
45
mA
Pattern, Figure 4, Figure 5,
f = 37.5 MHz
30
47
mA
Figure 6
f = 65 MHz
43
60
mA
f = 85 MHz
43
70
mA
ICCRZ
Receiver Supply Current Power Down(2)
Power Down = Low Receiver Outputs Stay Low
140
400
μA
during Power Down Mode
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ΔV OD).
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
(1)
Symbol
Parameter
Min
Typ(1)
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time Figure 6
2.0
3.5
ns
CHLT
CMOS/TTL High-to-Low Transition Time Figure 6
1.8
3.5
ns
RSPos0
Receiver Input Strobe Position for Bit 0 Figure 13,
f = 85 MHz
0.49
0.84
1.19
ns
Figure 14
RSPos1
Receiver Input Strobe Position for Bit 1
2.17
2.52
2.87
ns
RSPos2
Receiver Input Strobe Position for Bit 2
3.85
4.20
4.55
ns
RSPos3
Receiver Input Strobe Position for Bit 3
5.53
5.88
6.23
ns
RSPos4
Receiver Input Strobe Position for Bit 4
7.21
7.56
7.91
ns
RSPos5
Receiver Input Strobe Position for Bit 5
8.89
9.24
9.59
ns
RSPos6
Receiver Input Strobe Position for Bit 6
10.57
10.92
11.27
ns
RSKM
RxIN Skew Margin(2) Figure 15
f = 85 MHz
290
ps
RCOP
RxCLK OUT Period Figure 7
11.76
T
50
ns
RCOH
RxCLK OUT High Time Figure 7
f = 85 MHz
4.5
5
7
ns
RCOL
RxCLK OUT Low Time Figure 7
4.0
5
6.5
ns
RSRC
RxOUT Setup to RxCLK OUT Figure 7
2.0
ns
RHRC
RxOUT Hold to RxCLK OUT Figure 7
3.5
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25°C, VCC = 3.3V Figure 8
5.5
7.0
9.5
ns
RPLLS
Receiver Phase Lock Loop Set Figure 9
10
ms
RPDD
Receiver Power Down Delay Figure 12
1
μs
(1)
Typical values are given for VCC = 3.3V and TA = +25C.
(2)
Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter
pulse positions (min and max) and the receiver input setup and hold time (internal data sampling window - RSPos). This margin allows
for LVDS interconnect skew, inter-symbol interference (both dependent on type/length of cable), and clock jitter (less than 150 ps).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90CF366 DS90CF386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com