Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM63 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  The LM63 is a remote diode temperature sensor with integrated fan control.
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM63 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM63 Datasheet HTML 26Page - Texas Instruments LM63 Datasheet HTML 27Page - Texas Instruments LM63 Datasheet HTML 28Page - Texas Instruments LM63 Datasheet HTML 29Page - Texas Instruments LM63 Datasheet HTML 30Page - Texas Instruments LM63 Datasheet HTML 31Page - Texas Instruments LM63 Datasheet HTML 32Page - Texas Instruments LM63 Datasheet HTML 33Page - Texas Instruments LM63 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
RPM
RPM
Fan
_
2723
1983
000
,
400
,
5
1
_
=
u
=
,
)
_(
_
_
000
,
400
,
5
_
Decimal
Count
Tach
Total
f
RPM
Fan
u
=
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
REQUIRED INITIAL FAN CONTROL REGISTER SEQUENCE
Important! The BIOS must follow the sequence listed in Table 13 to configure the following Fan Registers for the
LM63 before using any of the Fan or Tachometer or PWM registers.
Table 13. [Register]HEX and Setup Instructions
STEP
[Register]HEX AND SETUP INSTRUCTIONS
(1)
[4A] Write bits 0 and 1; 3 and 4. This includes tach settings if used, PWM internal clock select (1.4 kHz or 360 kHz) and PWM
1
Output Polarity.
2
[4B] Write bits 0 through 5 to program the spin-up settings.
3
[4D] Write bits 0 through 4 to set the frequency settings. This works with the PWM internal clock select.
Choose, then write, only one of the following:
4
A. [4F–5F] the Lookup Table, or
B. [4C] the PWM value bits 0 through 5.
5
If Step 4A, Lookup Table, was chosen and written then write [4A] bit 5 = 0.
(1)
All other registers can be written at any time after the above sequence.
COMPUTING RPM OF THE FAN FROM THE TACH COUNT
The Tach Count Registers 46HEX and 47HEX count the number of periods of the 90 kHz tachometer clock in the
LM63 for the tachometer input from the fan assuming a 2 pulse per revolution fan tachometer, such as the fans
supplied with the Pentium 4 boxed processors. The RPM of the fan can be computed from the Tach Count
Registers 46HEX and 47HEX. This can best be shown through an example.
EXAMPLE:
Given: the fan used has a tachometer output with 2 per revolution.
Let:
•
Register 46 (LSB) is BFHEX = Decimal (11 x 16) + 15 = 191 and
•
Register 47 (MSB) is 7HEX = Decimal (7 x 256) = 1792.
The total Tach Count, in decimal, is 191 + 1792 = 1983.
The RPM is computed using the formula
where
•
f = 1 for 2 pulses/rev fan tachometer output;
•
f = 2 for 1 pulse/rev fan tachometer output, and
•
f = 2 / 3 for 3 pulses/rev fan tachometer output
(2)
For our example
(3)
30
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com