Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM81 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM81
Description  The LM81 is a highly integrated data acquisition system for
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM81 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM81 Datasheet HTML 17Page - Texas Instruments LM81 Datasheet HTML 18Page - Texas Instruments LM81 Datasheet HTML 19Page - Texas Instruments LM81 Datasheet HTML 20Page - Texas Instruments LM81 Datasheet HTML 21Page - Texas Instruments LM81 Datasheet HTML 22Page - Texas Instruments LM81 Datasheet HTML 23Page - Texas Instruments LM81 Datasheet HTML 24Page - Texas Instruments LM81 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Functional Description (Continued)
8.2 Temperature Interrupts
INT and T_CRIT_A outputs are provided for temperature
interrupt. Temperature interrupts have a normal and an ex-
tended option of operation. Each option has three different
modes of operation: Repetitive Interrupt, One-Time Interrupt
and Comparator.
Normal Repetitive Interrupt Mode is shown in
Figure 11
and operates in the following way: T_CRIT_A is disabled.
Exceeding T
HIGH causes an interrupt that will remain active
indefinitely until reset by reading Interrupt Status Register 1.
Once reset if the temperature remains above the T
HIHYST
setpoint the interrupt will again be activated at the comple-
tion of another conversion cycle. If temperature is less than
or equal to T
HIHYST the interrupt will not be activated.
Normal One-Time Interrupt Mode is shown in
Figure 12
and operates in the following way: T_CRIT_A is disabled.
Exceeding T
HIGH causes an interrupt that will remain active
indefinitely until reset by reading Interrupt Status Register 1.
Another interrupt will not occur until the temperature drops to
less than or equal to T
HIHYST and then exceeds THIGH during
a subsequent conversion. After power up this mode is se-
lected as default.
Normal Comparator Mode is shown in
Figure 13 and op-
erates in the following way: T_CRIT_A is disabled. Exceed-
ing T
HIGH causes an interrupt that will remain activated until
the temperature is less than or equal to T
HIGH.TLOW is
disabled.
DS100072-16
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 11. Normal Repetitive Interrupt Response
Diagram
DS100072-17
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 12. One-Time Interrupt Response Diagram
DS100072-18
*Note: Interrupt resets occur only when interrupt Status Register 1 is read.
FIGURE 13. Normal Comparator Mode
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com