Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJC7404 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJC7404
Description  20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJC7404 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJC7404 Datasheet HTML 1Page - Pan Jit International Inc. PJC7404 Datasheet HTML 2Page - Pan Jit International Inc. PJC7404 Datasheet HTML 3Page - Pan Jit International Inc. PJC7404 Datasheet HTML 4Page - Pan Jit International Inc. PJC7404 Datasheet HTML 5Page - Pan Jit International Inc. PJC7404 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJC7404
July 11,2013-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
20
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.7
0.8
1.1
V
Drain-Source On-State Resistance
RDS(on)
VGS=4.5V, ID=1A
-
116
150
mΩ
VGS=2.5V, ID=0.7A
-
160
215
VGS=1.8V, ID=0.3A
-
280
400
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
-
0.01
1
uA
Gate-Source Leakage Current
IGSS
VGS=+8V, VDS=0V
-
+2
+10
uA
Dynamic
Total Gate Charge
Qg
VDS=10V, ID=1A,
VGS=4.5V
(Note 1,2)
-
1.6
-
nC
Gate-Source Charge
Qgs
-
0.31
-
Gate-Drain Charge
Qgd
-
0.41
-
Input Capacitance
Ciss
VDS=10V, VGS=0V,
f=1.0MHZ
-
105
-
pF
Output Capacitance
Coss
-
25
-
Reverse Transfer Capacitance
Crss
-
15
-
Switching
Turn-On Delay Time
td(on)
VDD=10V, ID=1A,
VGS=4.5V,
RG=6Ω
(Note 1,2)
-
5.8
-
ns
Turn-On Rise Time
tr
25.8
-
Turn-Off Delay Time
td(off)
42
-
Turn-Off Fall Time
tf
-
32
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
1
A
Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.92
1.2
V
NOTES:
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RΘJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper.
4.
The maximum current rating is package limited



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com