Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8PS-32BP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H8PS-32BP
Description  This Compact Cam Positioner, Popular for Its Ease-of-use, Now Comes with Even Better Functions.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H8PS-32BP Datasheet(HTML) 2 Page - Omron Electronics LLC

  H8PS-32BP Datasheet HTML 1Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 2Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 3Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 4Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 5Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 6Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 7Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 8Page - Omron Electronics LLC H8PS-32BP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
H8PS
2
Model Number Structure
■ Model Number Legend
Ordering Information
■ List of Models
Cam Positioner
Dedicated Absolute Encoder
Accessories (Order Separately)
Note: Ask your OMRON representative about the availability of non-standard lengths.
Recommended USB Cables
Note: If you can’t purchase recommen
ded replacement, please purchase commercially available USB cable that attached ferrite core.
1234
H8PS-
@@@@
1. Number of outputs
8:
8 outputs
16: 16 outputs
32: 32 outputs
2. Panel language
B:
English
3. Mounting method
None: Flush mounting
F:
Surface mounting/
track mounting
4. Output configuration
None: NPN transistor output
P:
PNP transistor output
Number of outputs
Mounting method
Output configuration
Bank function
Model
8 outputs
Flush mounting
NPN transistor output
No
H8PS-8B
PNP transistor output
H8PS-8BP
Surface mounting/
track mounting
NPN transistor output
H8PS-8BF
PNP transistor output
H8PS-8BFP
16 outputs
Flush mounting
NPN transistor output
Yes
H8PS-16B
PNP transistor output
H8PS-16BP
Surface mounting/
track mounting
NPN transistor output
H8PS-16BF
PNP transistor output
H8PS-16BFP
32 outputs
Flush mounting
NPN transistor output
H8PS-32B
PNP transistor output
H8PS-32BP
Surface mounting/
track mounting
NPN transistor output
H8PS-32BF
PNP transistor output
H8PS-32BFP
Type
Resolution
Cable length
Model
Economy
256
2 m
E6CP-AG5C-C 256 2M
Standard
256
1 m
E6C3-AG5C-C 256 1M
2 m
E6C3-AG5C-C 256 2M
360
E6C3-AG5C-C 360 2M
720
E6C3-AG5C-C 720 2M
Rigid
256
2 m
E6F-AG5C-C 256 2M
360
E6F-AG5C-C 360 2M
720
E6F-AG5C-C 720 2M
Name
Specification
Model
Discrete Wire Output Cable
2 m
Y92S-41-200
Connector-type Output Cable
2 m
E5ZE-CBL200
Support Software
CD-ROM
H8PS-SOFT-V1
Shaft Coupling for the E6CP
Axis: 6 mm dia.
E69-C06B
Shaft Coupling for the E6C3
Axis: 8 mm dia.
E69-C08B
Shaft Coupling for the E6F
Axis: 10 mm dia.
E69-C10B
Extension Cable (See note.)
5 m (same for E6CP, E6C3, and E6F)
E69-DF5
Parallel Input Adapter
Two Units can operate in parallel.
Y92C-30
Protective Cover
---
Y92A-96B
Watertight Cover
---
Y92A-96N
Track Mounting Base
---
Y92F-91
Mounting Track
50 cm
× 7.3 mm (l × t)
PFP-50N
1 m
× 7.3 mm (l × t)
PFP-100N
1 m
× 16 mm (l × t)
PFP-100N2
End Plate
---
PFP-M
Spacer
---
PFP-S
Name
Recommended manufacturer
Specification
Model
USB Cable
ELECOM CO.Ltd.
A-miniB, 2m
U2C-MF20BK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com