Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XW2Z-S002 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW2Z-S002
Description  Programmable Terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-S002 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW2Z-S002 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• Shares I/O comment data
with CX-Programmer
• Symbol Manager previews
• Copy image library window data
• Individual editing of grouped parts
• Windows XP supported
Concentrated functionality
Effective display area
117 x 63 mm
Up to 3,999 screens
Supports RS-232C/422
Adapter (connector)
Bar Code Reader
function
Programming Console
function
NT20S/NT31
data compatibility
Mathematical
functions
Upgraded NT Support Tool
version (-EV4.7)
31 functional parts
•Recipes
• Alarm lists/histories
• Image library
• Trend graphs
• Analog meters
High-speed NT Links
Memory Link
Two RS-232C ports
Supports Memory Units
Compact Size, High Performance
Superb functionality with a compact screen size
Long-lived Backlight
Simplified Ladder Programming
Password
Screens
Conforms to NEMA4 and IP65
High-speed Host Link
Full Area Access
to CS1/CJ1
Fully Compatible
with NT11S
NT11
NT21
Display History Record Helps in Analysis of
Machine Faults
When the display history record function is set as a screen
attribute, the time, the screen number, and a comment are
recorded in the terminal's memory every time the relevant
screen is displayed. This display history can be printed by
issuing a print instruction from the host, and is useful for
machine fault analysis.
Long-lived Backlight
Since LEDs are used for the backlight, it is very long-lived
and rarely needs to be changed.
Password Screens for Security
Password screens cannot be accessed unless the correct
password is entered. This means that the operations that
can be performed can be restricted according to the
operator.
Bar Graphs can be Displayed
Bar graph displays allow the progress of processes to be
checked at a glance.
(The bars are oriented horizontally.)
Key Titles can be Marked on the Function
Key Sheet
Key titles can be marked on the function key sheet in
accordance with the applications of the keys: the sheet can
be taken out from the side face of the terminal.
The front panel of the terminal has a water-withstanding
construction.
Example key titles:
Integral Numeric Key Pad
The display, numeric keys, and function keys are all
integrated into the front panel, which is convenient for
designers. The key layout is ergonomically designed for
ease of use.
Printout of Production Status
Data such as the production status and production results
can be printed out, leaving a record on paper which can be
used as a daily report.
(The NT11S has a printer port. One screen only is printed.)
High-speed Host Link
Up to 115,200 bps supported between CS1/CJ1 PLCs.
Screen
Line 1
Line 2
Line 3
Plan
200
150
350
Prod.
200
140
350
F1
RUN
F2
AUT
F3
MAN.
F4
STOP
Example printout
No.
1
2
3
4
Screen Comment
LINE ERROR
MOTOR ERROR
COMPRESSER ERROR
MOTOR ERROR
Screen No
1
15
19
5
Time
11/01-10:00
11/07-15:33
11/11-13:56
11/14-09:12
Advantages From
the Standpoint of Maintenance,
Advantages From
the Standpoint of Maintenance,
2
3
NT
NT11
NT11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com