Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3JM-R4M4
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3JM-R4M4 Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
E3JM/E3JK
Ratings and Specifications
E3JM
* The timer cannot be disabled for models with timer functions (E3JM-
@@@4T).
Sensing method
Through-beam model
Retro-reflective model
(with MSR function)
Diffuse-reflective model
Item
Model
E3JM-10
@4(T)-N
E3JM-R4
@4(T)
E3JM-DS70
@4(T)
Sensing distance
10 m
4 m (When using E39-R1)
White paper (200
× 200 mm):
700 mm
Standard sensing object
Opaque: 14.8-mm dia. min.
Opaque: 75-mm dia. min.
---
Differential travel
---
20% max. of sensing distance
Directional angle
Both Emitter and Receiver 3
° to
20
°
1
° to 5°
---
Light source (wavelength)
Infrared LED (950 nm)
Red LED (660 nm)
Infrared LED (950 nm)
Power supply voltage
12 to 240 VDC
±10%, ripple (p-p): 10% max.
24 to 240 VAC
±10%, 50/60 Hz
Power con-
sumption
DC
3 W max. (Emitter 1.5 W max.
Receiver 1.5 W max.)
2 W max.
AC
3 W max. (Emitter 1.5 W max.
Receiver 1.5 W max.)
2 W max.
Control output
Relay output (E3JM-
@@M4 (T) model): SPDT, 250 VAC, 3A (cosφ=1) max., 5 VDC, 10 mA min.
DC SSR output (E3JM-
@@S4 (T) model): 48 VDC, 100 mA max. (residual voltage: 2 V max.)
Light-ON/Dark-ON selectable
Life
expectancy
(relay output)
Mechanical
50,000,000 times min. (switching frequency: 18,000 times/h)
Electrical
100,000 times min. (switching frequency: 1,800 times/h)
Response time
Relay output
(E3JM-
@@M4 (T) models) Operate or reset: 30 ms max.
DC SSR output
(E3JM-
@@S4 (T) models) Operate or reset: 5 ms max.
Sensitivity adjustment
---
One-turn adjuster
Timer function *
ON-delay/OFF-delay/One-shot delay switch selectable
Delay time: 0.1 to 5 s (adjustable), only for E3JM-
@@@4T
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max.
Ambient temperature range
Operating:
−25°C to 55°C, Storage: −30°C to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 45% to 85% (with no condensation), Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min.
Vibration
resistance
Destruction
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Malfunction
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock
resistance
Destruction
500 m/s2 3 times each in X, Y, and Z directions
Malfunction
100 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529: IP66
Connection method
Terminal block
Weight (packed state)
Approx. 270 g
Approx. 160 g
Material
Case
ABS (Acrylonitril Butadiene Styrene)
Lens
Methacrylic resin
Cover
Polycarbonate
Mounting
Bracket
Iron
Accessories
Mounting Bracket (with screw), Nuts, Terminal Protection Cover, One set of cable connection nuts (exclud-
ing -US Models), Instruction manual, Reflector (E39-R1: only for Retro-reflective Sensors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com