Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4S4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3JM-R4S4
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4S4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3JM-R4S4 Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4S4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
E3JM/E3JK
E3JK
Sensing method
Through-beam model
Retro-reflective model
(with MSR function)
Retro-reflective model
(without MSR function)
Diffuse-reflective model
Item
Model
E3JK
-5M
@-N
E3JK
-5S3-N
E3JK
-R2M
@
E3JK
-R2S3
E3JK
-R4M
@
E3JK
-R4S3
E3JK
-DS30M
@
E3JK
-DS30S3
Sensing distance
5 m
2.5 m (When using E39-R1)
4 m (When using E39-R1)
White paper (100
× 100 mm):
300 mm
Standard sensing
object
Opaque: 14.8-mm dia. min.
Opaque: 75-mm dia. min.
---
Differential travel
---
20% max. of sensing distance
Directional angle
Both Emitter and Receiver 3
° to
20
°
1
° to 5°
---
Light source
(wavelength)
Infrared LED (950 nm)
Red LED (660 nm)
Infrared LED (950 nm)
Power supply
voltage
12 to 240 VDC
±10%, ripple (p-p): 10% max.
24 to 240 VAC
±10%, 50/60 Hz
Power
con-
sump-
tion
DC
3 W max. (Emitter 1.5 W
max. Receiver 1.5 W max.)
2 W max.
AC
3 W max. (Emitter 1.5 W
max. Receiver 1.5 W max.)
2 W max.
Control output
Relay output
SPDT,
250 VAC, 3 A
max.
(cos
φ= 1)
5 VDC, 10 mA
min.
DC SSR out-
put, Negative:
common
48 VDC,
100 mA max.
Leakage cur-
rent: 0.1 mA
max.
With load
short-circuit
protection
Relay output
SPDT,
250 VAC, 3 A
max.
(cos
φ= 1)
5 VDC, 10 mA
min.
DC SSR out-
put, Negative:
common
48 VDC,
100 mA max.
Leakage cur-
rent: 0.1 mA
max.
With load
short-circuit
protection
Relay output
SPDT,
250 VAC, 3 A
max.
(cos
φ= 1)
5 VDC, 10 mA
min.
DC SSR out-
put, Nega-
tive: common
48 VDC,
100 mA max.
Leakage cur-
rent: 0.1 mA
max.
With load
short-circuit
protection
Relay output
SPDT,
250 VAC, 3 A
max.
(cos
φ= 1)
5 VDC, 10 mA
min.
DC SSR out-
put, Negative:
common
48 VDC,
100 mA max.
Leakage cur-
rent: 0.1 mA
max.
With load
short-circuit
protection
Life ex-
pectan-
cy (relay
output)
Mechani-
cal
50,000,000 times min. (switching frequency: 18,000 times/h)
Electrical
100,000 times min. (switching frequency: 1,800 times/h)
Response time
30 ms max.
10 ms max.
30 ms max.
5 ms max.
30 ms max.
5 ms max.
30 ms max.
5 ms max.
Sensitivity
adjustment
---
One-turn adjuster
Ambient illumina-
tion
(Receiver side)
Incandescent lamp: 3,000 lx max.
Ambient
temperature range
Operating:
−25°C to 55°C, Storage: −30°C to 70°C (with no icing or condensation)
Ambient
humidity range
Operating: 45% to 85% (with no condensation), Storage: 35% to 95% (with no condensation)
Insulation
resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min.
Vibra-
tion re-
sistance
Destruc-
tion
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Malfunc-
tion
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock
resis-
tance
Destruc-
tion
500 m/s2 3 times each in X, Y, and Z directions
Malfunc-
tion
100 m/s2 3
times each in
X, Y, and Z di-
rections
500 m/s2 3
times each in
X, Y, and Z di-
rections
100 m/s2 3
times each in
X, Y, and Z di-
rections
500 m/s2 3
times each in
X, Y, and Z di-
rections
100 m/s2 3
times each in
X, Y, and Z di-
rections
500 m/s2 3
times each in
X, Y, and Z di-
rections
100 m/s2 3
times each in
X, Y, and Z di-
rections
500 m/s2 3
times each in
X, Y, and Z di-
rections
Degree of
protection
IEC 60529 IP64
Connection method
Pre-wired (standard length: 2 m)
Weight
(packed state)
Approx. 420 g
Approx. 250 g
Material
Case
ABS
(Acrylonitril Butadiene Styrene)
Lens
Methacrylic resin
Mounting
Bracket
Iron
Accessories
Mounting Bracket (with screws), Nuts, Instruction manual, Reflector (Retro-reflective Models only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com