Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4S4T Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3JM-R4S4T
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4S4T Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3JM-R4S4T Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 10Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 11Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 12Page - Omron Electronics LLC E3JM-R4S4T Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
E3JM/E3JK
I/O Circuit Diagrams
E3JM
Relay Output Models
DC SSR Output Models
Note: Connect terminal 1 to any polarity and terminal 2 to the power supply because there is no polarity on the Emitter side.
* Models numbers for Through-beam Sensors (E3JM-10
@4(T)-N) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is E3JM-10L-N for all models. The model number of the Receiver, by adding "D" (example: E3JM-10DM4-N). Refer to Ordering
Information to confirm model numbers for Emitter and Receivers.
E3JK
Relay Output Models
DC SSR Output Models
Note: Connect the brown cable to any polarity and the blue cable to the power supply because there is no polarity on the Emitter side.
* Models numbers for Through-beam Sensors (E3JK-5
@@-N 2M) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is E3JK-5L-N 2M for all models. The model number of the Receiver, by adding "D" (example: E3JK-5DM1-N 2M). Refer to Ordering
Information to confirm model numbers for Emitter and Receivers.
Model
Timing chart
Output circuit
E3JM-10M4(T)-N *
E3JM-R4M4(T)
E3JM-DS70M4(T)
Light indicator
(red)
L-ON (Ta)
D-ON (Ta)
Incident light
No incident light
ON
OFF
ON
OFF
ON
OFF
1
2
4
5
3
No polarity
24 to 240 VAC
12 to 240 VDC
Tb
Tc
Contact output
Ta
(Built-in Relay: G6C)
Photoelectric
Sensor main
circuit
Power
Source
Model
Timing chart
Output circuit
E3JM-10S4(T)-N *
E3JM-R4S4(T)
E3JM-DS70S4(T)
Model
Timing chart
Output circuit
E3JK-5M1-N *
E3JK-5M2-N *
E3JK-R2M1
E3JK-R2M2
E3JK-R4M1
E3JK-R4M2
E3JK-DS30M1
E3JK-DS30M2
Light indicator
(red)
L-ON (Ta)
D-ON (Ta)
Incident light
No incident light
ON
OFF
ON
OFF
ON
OFF
1
2
3
5
4
Drive
Circuit
Drive
Circuit
L/ON
D/ON
NO
NC
48 VDC
max.
COM
Load
Load
I1
I2
I1+I2<100 mA
No polarity
24 to 240 VAC
12 to 240 VDC
Photo-
electric
Sensor
main
circuit
Power
Source
Light indicator
(red)
L-ON (Ta)
(E3JK-
@@M1)
D-ON (Ta)
(E3JK-
@@M2)
Incident light
No incident light
ON
OFF
ON
OFF
ON
OFF
White
Brown
Blue
Black
Tc
Tb
Ta
Gray
No polarity
24 to 240 VAC
12 to 240 VDC
Contact output
(Built-in Relay: G6C)
Photoelectric
Sensor main
circuit
Power
source
Model
Timing chart
Output circuit
E3JK-5S3-N *
E3JK-R2S3
E3JK-R4S3
E3JK-DS30S3
Light indicator
(red)
L-ON output
D-ON output
Incident light
No incident light
ON
OFF
ON
OFF
ON
OFF
Drive
Circuit
Drive
Circuit
48 VDC
max.
Load
Load
I1+I2<100 mA
No polarity
24 to 240 VAC
12 to 240 VDC
Photo-
electric
Sensor
main
circuit
Power
Source
D/ON
L/ON
Gray
Black
White
I1
I2
Brown
Blue
Note: The output stage leakage currents are 0.1 mA max., respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com