Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JK-R2M22M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3JK-R2M22M
Description  Built-in Power Supply Photoelectric Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JK-R2M22M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3JK-R2M22M Datasheet HTML 3Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 4Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 5Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 6Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 7Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 8Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 9Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 10Page - Omron Electronics LLC E3JK-R2M22M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
E3JM/E3JK
Diffuse-reflective
Sensing Object Size vs. Sensing Distance
E3JM-DS70
@4(T)
E3JM-DS70
@4(T)
Parallel Operating Range
Through-beam
E3JK-5
@@-N
E3JK-5
@@-N + E39-S39 (Optional Slit)
(A Slit is mounted to the Emitter and Receiver.)
Retro-reflective
E3JK-R2
@@ + E39-R1
(Supplied Reflector)
E3JK-R4
@@ + E39-R1
(Supplied Reflector)
1,000
500
100
50
10
5
1
0.5
0.1
Distance (mm)
100
0
200
300
400
500
600
700
800 900
Operating
level
Sensing object:
white paper 200
× 200 mm
12
10
8
6
4
2
20
0
40
60
80
100 120 140 160 180 200 220
Side length of sensing object (mm)
White paper
Black carbon
SUS (Luster)
Aluminum foil
(No luster on
the back)
600
400
200
0
−200
−400
−600
123456
7
Distance X (mm)
Y
X
30
20
10
0
−10
−20
−30
0.5
1
1.5
2
Y
X
Distance
X (mm)
150
100
50
0
−50
−100
−150
123
4
Reflector: E39-R1
Y
X
Distance
X (mm)
150
100
50
0
−50
−100
−150
123
45
6
Y
X
Reflector: E39-R1
Distance X (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com