Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2-M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ES2-M
Description  in a Compact Body. Controller Set Provides Superior Humidity Control and Temperature/ Humidity Control.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES2-M Datasheet(HTML) 2 Page - Omron Electronics LLC

  ES2-M Datasheet HTML 1Page - Omron Electronics LLC ES2-M Datasheet HTML 2Page - Omron Electronics LLC ES2-M Datasheet HTML 3Page - Omron Electronics LLC ES2-M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
ES2-HB ES2-THB
Precautions for Safe Use
Do not use the product in the following locations:
• Locations subject to water splashing or oil contact
• Locations subject to dust or corrosive gases
• Locations subject to icing or condensation
• Locations subject to direct sunlight
Connection Examples
ES2-HB Humidity Sensor
ES2-THB Temperature/Humidity
Sensor
Cable Conditions
Controller
or PT
1 to 5 V
+
−
DC power supply
White
ES2-HB
Red
Black
24 VDC
GND
Shield (Ground separately.)
Humidity input (1 to 5 V)
Controller or PT
+
−
Temperature input
(platinum resistance
thermometer)
Controller or PT
A
B
B
DC power supply
White
Yellow
Green
Brown
Red
Black
24 VDC
GND
Shield (Ground separately.)
ES2-THB
Item
Model
ES2-HB
ES2-THB
Diameter
AWG22
AWG24
Number of conductors
36
Shield
Braided
Braided
Maximum conductive resistance (20 C) 60
/km max.
92
/km max.
Finished outer cable diameter
5.5 mm
5.9 mm
Note: Provide a separate cable according to the details listed
at the left if the length of the supplied cable is insufficient.
The cable can be extended to a maximum of 50 m.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com