Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R1
Description  Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R1 Datasheet HTML 1Page - Omron Electronics LLC E39-R1 Datasheet HTML 2Page - Omron Electronics LLC E39-R1 Datasheet HTML 3Page - Omron Electronics LLC E39-R1 Datasheet HTML 4Page - Omron Electronics LLC E39-R1 Datasheet HTML 5Page - Omron Electronics LLC E39-R1 Datasheet HTML 6Page - Omron Electronics LLC E39-R1 Datasheet HTML 7Page - Omron Electronics LLC E39-R1 Datasheet HTML 8Page - Omron Electronics LLC E39-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2
General Purpose Photoelectric Sensor
E3S-B
Miniature DC Sensor with Built-in
Amplifier Offers Vertical or Horizontal
Single-Screw Mounting
H
Visible red beam
H
High-speed sensing, 0.5 ms response time
H
NEMA 4X, 6 and IP67
H
Single-screw mounting
H
Pre-wired, Light-ON/Dark-ON wire
selectable
Ordering Information
J
SENSORS
Through-beam sensors include both emitter and receiver. The polarized retroreflective sensors include E39-R1 reflector. All sensors
include mounting hardware.
Method of detection
Through-beam
Polarized retroreflective
Diffuse reflective
Sensing distance
2 m (6.56 ft)
1 m (3.28 ft)
20 cm (7.87 in)
Mounting
Output
Part number
Horizontal
NPN
E
3S-BT11
E
3S-BR11
E
3S-BD11
PNP
E
3S-BT31
E
3S-BR31
E
3S-BD31
Vertical
NPN
E
3S-BT61
E
3S-BR61
E
3S-BD61
PNP
E
3S-BT81
E
3S-BR81
E
3S-BD81
J
ACCESSORIES
Description
Part number
Slits for E3S-BTjj sensors (3 pairs of adhesive slits: 2 mm, 1 mm and 0.5 mm wide)
E
39-S47
Aperture kit for E3S-BTjj sensors (3 pairs of adhesive apertures: 2 mm, 1 mm and 0.5 mm dia.)
E
39-S48
Mutual interference filters for E3S-BTjj sensors (2 pairs: horizontal and vertical, includes mounting hardware)
E
39-E8
Small corner cube reflector
10 to 60 cm (3.94 to 23.62 in)
E
39-R3
7 to 35 cm (2.76 to 13.78 in)
E
39-R4
Adhesive back reflector
10 to 20 cm (3.94 to 7.87 in)
E
39-RSA
10 to 30 cm (3.94 to 11.81 in)
E
39-RSB
Stainless steel mounting bracket for E39-R1 reflector
E
39-L7
Stainless steel mounting bracket for E39-R3 reflector
E
39-L54
J
ACCESSORIES
Description
Part number
Corner cube reflector (supplied with E3S-BRjj)
E
39-R1
Stainless steel mounting bracket for horizontal sensors (supplied with each sensor)
E
39-L71
Stainless steel mounting bracket for vertical sensors (supplied with each sensor)
E
39-L72
Mounting adapter plate
E
39-L61


Similar Part No. - E39-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E39-R1 ETC-E39-R1 Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E39-R1 OMRON-E39-R1 Datasheet
1Mb / 64P
Optical Fiber Photoelectric Sensor
E39-R1 OMRON-E39-R1 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R1 OMRON-E39-R1 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E39-R1 OMRON-E39-R1 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E39-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC7789 ETC1-KC7789 Datasheet
72Kb / 1P
PIR SENSOR WITH BUILT-IN AMPLIFIER
logo
Omron Electronics LLC
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
CMOS Laser Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com