Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 110 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 110 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 106Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 107Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 114Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 182 page
background image
Appendix A
Standard Models
97
Input Units
Name
Specifications
Model
Input Units
DC
16 mA, 5 to 12 VDC; ON delay: 1.5
ms, OFF delay: 1.5 ms
16 pts
8 pts/common; 2 circuits
3G2A5-ID112
10 mA, 12 to 24 VDC; ON delay:
1.5 ms, OFF delay: 1.5 ms
16 pts
8 pts/common; 2 circuits
3G2A5-ID213
10 mA, 12 to 24 VDC; ON delay:
1.5 ms, OFF delay: 1.5 ms
32 pts
8 pts/common; 4 circuits
3G2A5-ID215
10 mA, 12 to 24 VDC; ON delay:
1.5 ms, OFF delay: 1.5 ms
32 pts
8 pts/common; 4 circuits
3G2A5-ID218
10 mA, 12 to 24 VDC; connector
type
32 pts
8 pts/common; 4 circuits
C500-ID218CN
7 mA, 12 VDC; static; ON delay:
1.5 ms, OFF delay: 1.5 ms
64 pts
8 pts/common; 8 circuits
C500-ID114
10 mA, 24 VDC; dynamic scan
64 pts
---
3G2A5-ID212
7 mA, 24 VDC; ON delay: 1.5 ms,
OFF delay: 1.5 ms
64 pts
8 pts/common; 8 circuits
3G2A5-ID219
Interrupt
10 mA, 12 to 24 VAC; ON delay: 1
ms, OFF delay: 1.5 ms (Not mount-
able to Duplex C2000H Rack)
8 pts
Independent commons
3G2A5-ID216
AC
10 mA, 100 to 120 VAC; ON delay:
35 ms, OFF delay: 55 ms
16 pts
8 pts/common; 2 circuits
3G2A5-IA121
10 mA, 200 to 240 VAC; ON delay:
35 ms, OFF delay: 55 ms
16 pts
8 pts/common; 2 circuits
3G2A5-IA222
10 mA, 100 to 120 VAC; ON delay:
35 ms, OFF delay: 55 ms
32 pts
8 pts/common; 4 circuits
3G2A5-IA122
10 mA, 200 to 240 VAC; ON delay:
35 ms, OFF delay: 55 ms
32 pts
8 pts/common; 4 circuits
C500-IA223
AC/DC
10 mA, 12 to 24 VAC/DC; ON
delay: 15 ms, OFF delay: 15 ms
16 pts
8 pts/common; 2 circuits
3G2A5-IM211
10 mA, 12 to 24 VAC/DC; ON
delay: 15 ms, OFF delay: 15 ms
32 pts
8 pts/common; 4 circuits
3G2A5-IM212
TTL
3.5 mA, 5 VDC; connector
32 pts
8 pts/common; 4 circuits
C500-ID501CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com