Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 112 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 112 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 108Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 109Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 110Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 111Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 112Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 116Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 182 page
background image
Appendix A
Standard Models
99
Special I/O Units
Name
Specifications
Model
Analog Input Unit
4 to 20 mA, 1 to 5 V; 2 inputs
2 pts
3G2A5-AD001
0 to 10 V; 2 inputs
2 pts
3G2A5-AD002
0 to 5 V; 2 inputs
2 pts
3G2A5-AD003
–10 to 10 V; 2 inputs
2 pts
3G2A5-AD004
–5 to 5 V; 2 inputs
2 pts
3G2A5-AD005
4 to 20 mA, 1 to 5 V; 4 inputs
4 pts
3G2A5-AD006
0 to 10 V; 4 inputs
4 pts
3G2A5-AD007
0 to 10 V, 0 to 20 mA (selectable); 8 inputs
8 pts
C500-AD101
0 to 5 V, 0 to 10 V –5 to 5 V, –10 to 10 V, 0 to 20 mA,
–20 to 20 mA; 16 inputs
16 pts
C500-AD501
Analog Output Unit
4 to 20 mA, 1 to 5 V; 2 outputs
2 pts
3G2A5-DA001
0 to 10 V; 2 outputs
2 pts
3G2A5-DA002
0 to 5 V; 2 outputs
2 pts
3G2A5-DA003
–10 to 10 V; 2 outputs
2 pts
3G2A5-DA004
–5 to 5 V; 2 outputs
2 pts
3G2A5-DA005
0 to 20 mA, 1 to 5 V/0 to 10 V (selectable); 4 outputs
4 pts
C500-DA101
–10 to 10 V, 4 outputs
4 pts
C500-DA103
High-speed Counter Unit
6-digit BCD; 50 kcps; one counted input; 1 pair of SV
1 pt
3G2A5-CT001
6-digit BCD; 50 kcps; one counted input; 8 pair of SV
1 pt
3G2A5-CT012
50 kcps; 7 operating modes
2 pts
C500-CT021
6-digit BCD; 20 kcps; four counted inputs; 6 modes
4 pts
C500-CT041
Magnetic Card Reader Unit
With RS-232C interface
3G2A5-MGC01
PID Control Unit
For PID control; w/Programming Console key sheet; 20-day
power backup to 25
°C
3G2A5-PID01-E
Position Control Unit
Position Control Unit: 3G2A5-NC101-E with input multiplier for
greater resolution and greater processing speed
3G2A5-NC103-E
Position Control Unit: For stepping motor; one axis
3G2A5-NC111-EV1
Position Control Unit: For pulse motors; two axes
C500-NC222-E
Encoder Adapter
3G2A5-AE001
Teaching Box
For 1 axis
3G2A5-TU001-E
Connecting Cable: To connect C500-TU002-E Teach-
ing Box to C500 NC222 E
2 m
C200H-CN222
ing Box to C500-NC222-E.
4 m
C200H-CN422
Connecting Cable: To connect C500-TU002-E Teaching Box to
3G2A5-NC103-E/NC111-EV1 Position Control Unit.
C500-CN422
Cam Positioner Unit
External outputs: 8 pts; Words output to PC: 2 (16 pts.)
C500-CP131
ASCII Unit
RAM and EEPROM
C500-ASC04
Ladder Program I/O Unit
Has 40 instructions (same as a C20P.) Input and output points
(16 each.)
C500-LDP01-V1
ID Sensor Unit
Microwave type
General-purpose
C500-IDS21
y
Long-distance
C500-IDS22
For the C500-IDS02
C500-IDA02
For the C500-IDS22
C500-IDA22
Fuzzy Logic Unit
8 inputs, 2 outputs max.
C500-FZ001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com