Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 117 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 117 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 113Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 121Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 182 page
background image
Appendix A
Standard Models
104
H-PCF Optical Fiber Cords and Cables with Connectors
The following diagram illustrates the model number for cables with connectors. tension members and power lines
are provided in the cable. Half-lock connectors use the S3200-COCF2511 and are compatible with C200H SYS-
MAC LINK or SYSMAC NET Link Unit connectors. Full-lock connectors use the S3200-COCF2011 and are com-
patible with CV-series SYSMAC LINK or SYSMAC NET and C1000H SYSMAC LINK Link Unit connectors. Full-
lock connectors cannot be used with C200H connectors.
The above connectors cannot be used with C500 SYSMAC NET Link Unit connectors, cable relays, or NSB. Refer
to the
SYSMAC NET Link System Manual for appropriate connectors for these applications.
S3200-CN
jjj-jj-jj
Cable Length
201
2 m
501
5 m
102
10 m
152
15 m
202
20 m
Blank
Over 20 m*
*Specify lengths over 20 m separately when ordering.
Connector Type
20-20
Full-lock connecter on each end
20-25
One full-lock and one half-lock connector
25-25
Full lock connector on each end
Optical Connectors
Name
Model
SYSMAC NET:
CV500-SNT31
SYSMAC LINK:
CV500-SLK11, C1000H-SLK11
SYSMAC BUS/2: CV500-RM211/RT211
S3200-COCF2011
SYSMAC NET:
C200H-SNT31
SYSMAC LINK:
C200H-SLK11
S3200-COCF2511
SYSMAC NET:
C500-SNT31-V4
S3200-LSU03-01E/NSB11-E
S3200-NSUA1-00E/NSUG4-00E
FIT10-IF401
S3200-COCH62M
SYSMAC BUS:
3G2A5-RM001-(P)EV1
3G2A5-RT001/RT002-(P)EV1
3G2A9-AL
jj-(P)E
S3200-COCH82
SYSMAC NET Relay (M) Connector
S3200-COCF62M
SYSMAC NET Relay (F) Connector
S3200-COCF62F
Cable Assembly Tool and Cutter
Name
Model
Cable Assembly Tool
S3200-CAK1062
Optical Power Tester
Name
Model
SYSMAC NET:
CV500-SNT31
S3200-CAT2000
SYSMAC LINK:
CV500-SLK11
SYSMAC BUS/2: CV500-RM211/RT211
S3200-CAT2700
SYSMAC BUS:
3G2A5-RM001-(P)EV1
3G2A5-RT001/RT002-(P)EV1
S3200-CAT2820
SYSMAC NET:
S3200-LSU03-01E
FIT10-IF401
S3200-CAT3200
Note Each Optical Power Tester is provided with a replaceable Head Unit. There is no difference in type among
all Optical Power Testers except for the head unit. This means the S3200-CAT2000 Optical Power Tester,
for example, can be used as the S3200-CAT2700, S3200-CAT2820, or S3200-CAT3200 Optical Power
Tester by just replacing the Head Unit of the S3200-CAT2000 with those for the S3200-CAT2700,
S3200-CAT2820, or S3200-CAT3200.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com