Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 118 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 118 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 114Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 115Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 116Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 117Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 118Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 119Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 120Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 121Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 122Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 182 page
background image
Appendix A
Standard Models
105
Optical Power Tester Head Unit
Name
Model
SYSMAC NET:
CV500-SNT31
S3200-CAT2002
SYSMAC LINK:
CV500-SLK11
SYSMAC BUS/2: CV500-RM211/RT211
S3200-CAT2702
SYSMAC BUS:
3G2A5-RM001-(P)EV1
3G2A5-RT001/RT002-(P)EV1
S3200-CAT2822
SYSMAC NET:
S3200-LSU03-01E
FIT10-IF401
S3200-CAT3202
Peripheral Devices
Name
Specifications
Model
CV Support Software Version 2
(CVSS) (See note)
Runs on an IBM PC/AT-compatible computer
3 1/2”
CV500-ZS3AT1-EV2
SYSMAC Support Software
(SSS) (See note)
Runs on an IBM PC/AT-compatible computer
3 1/2”
C500-ZL3AT1-E
Memory Card Writer
---
CV500-MCW01-E
Graphic Programming Console
(GPC)
Connecting cable sold separately.
C500-GPC03-E
Connecting cable
Recommended for GPC
2 m
CV500-CN225
g
5 m
CV500-CN525
GPC System Memory
Cassette (See note.)
---
CV500-MP311-E
GPC Memory Card Adapter
---
CV500-MCA01
Programming Console
For CVM1/CV-series PCs only, cable required separately.
CVM1-PRS21-EV1
Note The CVSS does not support new instructions added for version-2 CVM1 PCs. The SSS does not support
the CV500, CV1000, or CV2000.
Optional
Name
Specifications
Model
Battery
---
3G2A5-BAT08
Memory Card Battery
---
HMC-BAT01
DC Power Supply
100 to 120/200 to 240 switchable, 300 W
S82F-3024
Relay
24 VDC
G6B-1174P-FD-US-M
I/O Terminal Cover
For 38-pin block, special type
3G2A5-COV11
For 38-pin block, standard
C500-COV12
For 20-pin block, standard
C500-COV13
Connector Cover (see note)
Protector for I/O bus connector
3G2A5-COV01
Protector for CPU bus connector
CV500-COV01
Protector for Expansion I/O Rack IOIF connector
CV500-COV02
Protector for CPU Rack IOC or Expansion CPU Rack IOIF
connector
CV500-COV03
Protector for Simple Expansion I/O Rack connector
CV500-COV04
Space Unit
For I/O Unit
3G2A5-SP002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com