Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 142 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 142 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 138Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 139Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 140Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 141Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 142Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 143Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 144Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 145Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 146Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 182 page
background image
Appendix B
Specifications
129
Transistor Output Units Continued
Item
3G2A5-OD215
C500-OD217
Max. Switching
Capacity
24 VDC
10%, 50 mA/point
12 to 24 VDC +10%/–15%, 1 A
(but, 4 A/common, 5 A/Unit)
Leakage Current
---
0.1 mA max.
Residual Voltage
1.0 V max.
1.4 V max.
ON Delay
0.2 ms max.
0.2 ms max.
OFF Delay
0.3 ms max.
0.3 ms max.
No. of Outputs
16 (independent commons)
16 (8 outputs/common, 2 circuits)
Internal Current
Consumption
200 mA, 5 VDC max.
160 mA, 5 VDC max.
Fuse Capacity
Not provided
5 A, 250 V (two fuses)
Power for
External Supply
---
50 mA, 12 to 24 VDC
10% min.
Weight
530 grams max.
500 grams max.
Circuit
Configuration
Inter-
nal
Cir-
cuit
OUT 00
OUT 01
COM
OUT 14
OUT 15
to
COM
COM
COM
Inter-
nal
Cir-
cuit
Inter-
nal
Circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
to
to
COM
Fuse/fuse
blowout
detection
Inter-
nal
Circuit
Fuse/fuse
blowout
detection
12 to
24 VDC
12 to
24 VDC
Terminal
Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
8
9
10
11
12
13
14
15
A
B
2
3
4
5
16
17
18
6
7
8
9
10
11
12
13
14
15
NC
NC
8
9
10
11
12
13
14
15
NC
NC
24 VDC
NC
0
1
2
3
4
5
6
7
2
3
4
5
1
6
7
8
17
18
9
10
11
12
13
14
15
0
1
0
0
1
2
3
4
5
6
7
+
16
NC
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
15
COM (0 V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
19
COM (0 V)
12 to 24
VDC
+
12 to 24 VDC
12 to 24 VDC
12 to 24
VDC
Note:
Be sure to connect
Power Supplies to
18 and 19.
Dimensions
B-shape
A-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com