Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 145 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 145 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 141Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 142Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 143Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 144Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 145Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 146Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 147Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 148Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 149Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 182 page
background image
Appendix B
Specifications
132
Transistor Output Units Continued
Item
3G2A5-OD211 (dynamic)
3G2A5-OD212 (PNP)
Max. Switching
Capacity
24 VDC +10%/–15%
12 to 24 VDC +10%/–15%, 0.3 A
(but, 2.4 A/common, 4.8 A/Unit)
Leakage Current
0.1 mA max.
0.1 mA max.
Residual Voltage
1.5 V max.
1.5 V max.
ON Delay
0.2 ms max.
0.2 ms max.
OFF Delay
0.3 ms max.
0.3 ms max.
No. of Outputs
64 (dynamic)
32 (16 outputs/common, 2 circuits)
Internal Current
Consumption
300 mA, 5 VDC max.
230 mA, 5 VDC max.
Fuses
Not provided.
1 per circuit, 2 total
(Cannot be changed by user.)
Power for
External Supply
50 mA, 24 VDC
10% min.
50 mA, 12 to 24 VDC
10% min.
Weight
450 grams max.
530 grams max.
Circuit
Configuration
Inter-
nal
Circuit
Inter-
nal
Circuit
DATA 0
DATA 7
COM
STB 0
STB 7
(0 V)
to
COM (0 V)
24 VDC
to
DATA: Positive logic output
STB: Negative logic output
Inter-
nal
Circuit
Inter-
nal
Circuit
OUT 00
OUT 07
COM I
OUT 08
OUT 15
(+DC)
to
to
0 V I
COM I (+DC)
OUT 00
OUT 07
COM II (+DC)
OUT 15
OUT 08
COM II (+DC)
to
I
II
to
0 V II
Fuse
Fuse
Terminal
Connections
16
17
18
19 NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
COM (0 V)
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
COM (0 V)
24 V
Terminal Connections
Refer to p 122 for wiring examples.
+
24 VDC
18
17
16
15
14
13
12
11
10
9
COMI(DC)
8
L
17
16
15
14
13
12
11
10
18
0 V II
15
L
14
L
13
L
12
L
11
L
10
L
9
L
9
L
15
L
14
L
13
L
12
L
11
L
10
L
+
8
7
6
5
4
3
2
1
0
0
L
COMII(DC)
7
L
6
L
5
L
4
L
3
L
2
L
1
L
COMI(DC)
8
7
6
5
4
3
2
1
9
1
L
7
L
6
L
5
L
4
L
3
L
2
L
0
0
L
COMII(DC)
8
L
B
A
I
II
0V
+
12 tO 24
VDC
12 tO 24
VDC
Note:
A8 and A17
are con-
nected inter-
nally, as are
B8 and B17;
they cannot
be used in-
dependent-
ly.
Wire ac-
cording to
the diagram
to prevent
insufficient
current flow.
Dimensions
A-shape
B-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com