Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 148 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 148 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 144Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 145Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 146Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 147Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 148Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 149Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 150Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 151Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 152Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 182 page
background image
Appendix B
Specifications
135
Contact Output Units
Item
3G2A5-OC221
3G2A5-OC223
Max. Switching
Capacity
2 A, 250 VAC (cos = 1),
0.5 A, 250 VAC (cos = 0.4)
2 A, 24 VDC (but, 8 A/common,16 A/Unit)
2 A, 250 VAC (cos = 1),
0.5 A, 250 VAC (cos = 0.4),
2 A, 24 VDC (but, 32 A/Unit)
Min. Switching
Capacity
10 mA, 5 VDC
10 mA, 5 VDC
Power for
External Supply
Voltage: 24 VDC
10 %
Current: 10 mA/point, 160 mA/Unit
Voltage: 24 VDC
10 %
Current: 10 mA/point, 160 mA/Unit
Relay
G6B-114P-FD-US-M (24 VDC) w/socket
G6B-114P-FD-US-M (24 VDC) w/socket
Service Life of
Relay
Electrical: 300,000 operations (resistive load)
100,000 operations (inductive load)
Mechanical: 50,000,000 operations
Electrical: 300,000 operations (resistive load)
100,000 operations (inductive load)
Mechanical: 50,000,000 operations
ON Delay
15 ms max.
15 ms max.
OFF Delay
15 ms max.
15 ms max.
No. of Outputs
16 (8 outputs/common, 2 circuits)
16 (independent commons)
Internal Current
Consumption
100 mA, 5 VDC max.
100 mA, 5 VDC max.
Weight
450 grams max.
450 grams max.
Circuit
Configuration
x
x
Inter-
nal
Cir-
cuit
Inter-
nal
Cir-
cuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
0 V
24 VDC
to
to
COM
Relays are mounted on sockets and are
replaceable.
x
x
Internal
Circuit
Internal
Circuit
OUT 00
OUT 07
COM
OUT 08
OUT 15
0 V
24 VDC
to
to
COM
Relays are mounted on sockets and are
replaceable.
COM
COM
Terminal
Connections
~
~
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
15
COM
+
+
COM
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+
+
19
+
250 VAC
24 VDC
max.
250 VAC
24 VDC
max.
24 VDC
L
L
L
L
L
L
L
~
~
~
~
~
~
~
L
L
L
L
L
L
L
~
~
~
~
~
~
~
L
~
L
A
B
2
3
4
5
16
17
0
1
6
7
8
9
10
12
13
14
15
NC
2
3
4
5
1
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NC
NC
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
17
18
18
+
24 VDC
0
~
16
NC
250 VAC
24 VDC
max.
11
Dimensions
A-shape
B-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com