Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 150 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 150 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 146Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 147Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 148Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 149Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 150Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 151Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 152Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 153Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 154Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 182 page
background image
Appendix B
Specifications
137
TTL Output Unit
Item
C500-OD501CN
Max. Switching Capacity
5 VDC
10% 35 mA/point
Leakage Current
0.1 mA max.
Residual Voltage
0.4 V max.
ON Delay
0.2 ms max.
OFF Delay
0.3 ms max.
No. of Outputs
32 (8 outputs/common, 4 circuits)
Internal Current Consumption
250 mA, 5 VDC max.
Fuse Capacity
Not provided
Power for External Supply
32 mA, 5 VDC
10% min.
Weight
450 grams max.
Circuit Configuration
Inter-
nal
Circuit
5 VDC
OUT 00
to
OUT 07
COM
OUT 08
OUT 15
5 VDC
COM
to
5 VDC
OUT 00
to
OUT 07
COM
OUT 08
OUT 15
5 VDC
COM
to
10 k
10
k
12 k
10 k
10
k
12 k
I
IV
Terminal Connections
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
B
+
1
2
3
4
5
6
7
8
9
10
11
12
+
A
COM
5 VDC
COM
5 VDC
NC
NC
NC
NC
5 VDC
5 VDC
+
10 k
10
k
TTL
Because the output data is negative logic, the termi-
nal output goes low when the output bit is ON (1).
12 k
Dimensions
E-shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com