Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 163 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 163 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 159Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 160Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 161Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 162Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 163Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 167Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 182 page
background image
151
Glossary
address
A number used to identify the location of data or programming instructions in
memory or to identify the location of a network or a unit in a network.
advanced instruction
An instruction input with a function code that handles data processing opera-
tions within ladder diagrams, as opposed to a basic instruction, which makes up
the fundamental portion of a ladder diagram.
AGF
All-glass optical fiber cable; also known as crystal optical fiber cable.
allocation
The process by which the PC assigns certain bits or words in memory for various
functions. This includes pairing I/O bits to I/O points on Units.
analog
Something that represents or can process a continuous range of values as op-
posed to values that can be represented in distinct increments. Something that
represents or can process values represented in distinct increments is called
digital.
Analog I/O Unit
I/O Units that convert I/O between analog and digital values. An Analog Input
Unit converts an analog input to a digital value for processing by the PC. An Ana-
log Output Unit converts a digital value to an analog output.
AND
A logic operation whereby the result is true if and only if both premises are true.
In ladder-diagram programming the premises are usually ON/OFF states of bits
or the logical combination of such states called execution conditions.
APF
An acronym for all-plastic optical fiber cable.
area
See
data area and memory area.
area prefix
A one or two letter prefix used to identify a memory area in the PC. All memory
areas except the CIO area require prefixes to identify addresses in them.
ASCII
Short for American Standard Code for Information Interchange. ASCII is used to
code characters for output to printers and other external devices.
asynchronous execution
Execution of programs and servicing operations in which program execution
and servicing are not synchronized with each other.
Auxiliary Area
A PC data area allocated to flags and control bits.
auxiliary bit
A bit in the Auxiliary Area.
Backplane
A base to which Units are mounted to form a Rack. Backplanes provide a series
of connectors for these Units along with buses to connect them to the CPU and
other Units and wiring to connect them to the Power Supply Unit. Backplanes
also provide connectors used to connect them to other Backplanes.
back-up
A copy made of existing data to ensure that the data will not be lost even if the
original data is corrupted or erased.
BASIC
A common programming language. BASIC Units are programmed in BASIC.
basic instruction
A fundamental instruction used in a ladder diagram. See
advanced instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com