Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 167 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 167 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 163Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 167Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 168Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 169Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 170Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 171Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 182 page
background image
Glossary
155
DM Area. Area addresses are prefixes with E and only words can be accessed.
The EM Area is separated into multiple banks.
EM card
A card mounted inside certain PCs to added an EM Area.
EPROM
Erasable programmable read-only memory; a type of ROM in which stored data
can be erased, by ultraviolet light or other means, and reprogrammed.
error code
A numeric code generated to indicate that an error exists, and something about
the nature of the error. Some error codes are generated by the system; others
are defined in the program by the operator.
event processing
Processing that is performed in response to an event, e.g., an interrupt signal.
Expansion CPU Backplane
A Backplane used to create an Expansion CPU Rack.
Expansion CPU Rack
A Rack connected to the CPU Rack to increase the virtual size of the CPU Rack.
Units that may be mounted to the CPU Backplane may also be mounted to the
Expansion CPU Backplane.
Expansion Data Memory Unit A card mounted inside certain PCs to added an EM Area.
Expansion I/O Backplane
A Backplane used to create an Expansion I/O Rack.
Expansion I/O Rack
A Rack used to increase the I/O capacity of a PC. In CV-Series PC, either one
Expansion I/O Rack can be connected directly to the CPU or Expansion CPU
Rack or multiple Expansion I/O Racks can be connected by using an I/O Control
and I/O Interface Units.
FA
Factory automation.
factory computer
A general-purpose computer, usually quite similar to a business computer, that
is used in automated factory control.
fatal error
An error that stops PC operation and requires correction before operation can
continue.
FINS
See
CV-mode.
flag
A dedicated bit in memory that is set by the system to indicate some type of oper-
ating status. Some flags, such as the carry flag, can also be set by the operator
or via the program.
force reset
The process of forcibly turning OFF a bit via a programming device. Bits are usu-
ally turned OFF as a result of program execution.
force set
The process of forcibly turning ON a bit via a programming device. Bits are usu-
ally turned ON as a result of program execution.
frame checksum
The results of exclusive ORing all data within a specified calculation range. The
frame checksum can be calculated on both the sending and receiving end of a
data transfer to confirm that data was transmitted correctly.
GPC
An acronym for Graphic Programming Console.
Graphic Programming Console
A programming device with advanced programming and debugging capabilities
to facilitate PC operation. A Graphic Programming Console is provided with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com