Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 168 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 168 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 164Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 167Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 168Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 169Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 170Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 171Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 172Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 182 page
background image
Glossary
156
large display onto which ladder-diagram programs can be written directly in lad-
der-diagram symbols for input into the PC without conversion to mnemonic
form.
hexadecimal
A number system where all numbers are expressed to the base 16. In a PC all
data is ultimately stored in binary form, however, displays and inputs on Pro-
gramming Devices are often expressed in hexadecimal to simplify operation.
Each group of four binary bits is numerically equivalent to one hexadecimal digit.
host interface
An interface that allows communications with a host computer.
Host Link System
A system with one or more host computers connected to one or more PCs via
Host Link Units or host interfaces so that the host computer can be used to trans-
fer data to and from the PC(s). Host Link Systems enable centralized manage-
ment and control of PC Systems.
Host Link Unit
An interface used to connect a C-series PC to a host computer in a Host Link
System.
H-PCF cable
An acronym for hard plastic-clad optical fiber cable.
I/O allocation
The process by which the PC assigns certain bits in memory for various func-
tions. This includes pairing I/O bits to I/O points on Units.
I/O Block
Either an Input Block or an Output Block. I/O Blocks provide mounting positions
for replaceable relays.
I/O Control Unit
A Unit mounted to the CPU Rack to monitor and control I/O points on Expansion
CPU Racks or Expansion I/O Racks.
I/O delay
The delay in time from when a signal is sent to an output to when the status of the
output is actually in effect or the delay in time from when the status of an input
changes until the signal indicating the change in the status is received.
I/O device
A device connected to the I/O terminals on I/O Units, Special I/O Units, etc. I/O
devices may be either part of the Control System, if they function to help control
other devices, or they may be part of the controlled system.
I/O Interface Unit
A Unit mounted to an Expansion CPU Rack or Expansion I/O Rack to interface
the Rack to the CPU Rack.
I/O point
The place at which an input signal enters the PC System, or at which an output
signal leaves the PC System. In physical terms, I/O points correspond to termi-
nals or connector pins on a Unit; in terms of programming, an I/O points corre-
spond to I/O bits in the IR area.
I/O refreshing
The process of updating output status sent to external devices so that it agrees
with the status of output bits held in memory and of updating input bits in memory
so that they agree with the status of inputs from external devices.
I/O response time
The time required for an output signal to be sent from the PC in response to an
input signal received from an external device.
I/O Terminal
A Remote I/O Unit connected in a Wired Remote I/O System to provide a limited
number of I/O points at one location. There are several types of I/O Terminals.
I/O Unit
The most basic type of Unit mounted to a Backplane. I/O Units include Input
Units and Output Units, each of which is available in a range of specifications.
I/O Units do not include Special I/O Units, Link Units, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com