Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-PE Datasheet(PDF) 169 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 169 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 165Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 166Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 167Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 168Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 169Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 170Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 171Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 172Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 173Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 182 page
background image
Glossary
157
I/O verification error
A error generated by a disagreement between the Units registered in the I/O
table and the Units actually mounted to the PC.
I/O word
A word in the CIO area that is allocated to a Unit in the PC System and is used to
hold I/O status for that Unit.
IBM PC/AT or compatible
A computer that has similar architecture to, that is logically compatible with, and
that can run software designed for an IBM PC/AT computer.
initialize
Part of the startup process whereby some memory areas are cleared, system
setup is checked, and default values are set.
input
The signal coming from an external device into the PC. The term input is often
used abstractly or collectively to refer to incoming signals.
input bit
A bit in the CIO area that is allocated to hold the status of an input.
Input Block
A Unit used in combination with a Remote Interface to create an I/O Terminal. An
Input Block provides mounting positions for replaceable relays. Each relay can
be selected according to specific input requirements.
input device
An external device that sends signals into the PC System.
input point
The point at which an input enters the PC System. Input points correspond phys-
ically to terminals or connector pins.
input signal
A change in the status of a connection entering the PC. Generally an input signal
is said to exist when, for example, a connection point goes from low to high volt-
age or from a nonconductive to a conductive state.
Input Terminal
An I/O Terminal that provides input points.
instruction
A direction given in the program that tells the PC of the action to be carried out,
and the data to be used in carrying out the action. Instructions can be used to
simply turn a bit ON or OFF, or they can perform much more complex actions,
such as converting and/or transferring large blocks of data.
interface
An interface is the conceptual boundary between systems or devices and usual-
ly involves changes in the way the communicated data is represented. Interface
devices such as NSBs perform operations like changing the coding, format, or
speed of the data.
interrupt (signal)
A signal that stops normal program execution and causes a subroutine to be run
or other processing to take place.
Interrupt Input Unit
A Rack-mounting Unit used to input external interrupts into a PC System.
IOIF
An acronym for I/O Interface Unit.
IOM (Area)
A collective memory area containing all of the memory areas that can be ac-
cessed by bit, including timer and counter Completion Flags. The IOM Area in-
cludes all memory area memory addresses between 0000 and 0FFF.
JIS
An acronym for Japanese Industrial Standards.
jump
A type of programming where execution moves directly from one point in a pro-
gram to another, without sequentially executing any instructions in between.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com